Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2626CD Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2626CD
Description  Low Power Dual 8-bit Serial Input DAC with Internal Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2626CD Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2626CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 9Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 10Page - Wolfson Microelectronics plc WM2626CD Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Production Data
WM2626
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
7
DEVICE DESCRIPTION
GENERAL FUNCTION
The WM2626 is a dual 8-bit, voltage output DAC with an on-chip voltage reference. It uses a
resistor string network buffered with an op amp to convert 8-bit digital data to analogue voltage
levels (see Block Diagram). The output voltage is determined by the reference voltage and the
input code according to the following relationship:
()
256
2
CODE
V
out
V
REFIN
=
INPUT
OUTPUT
1111
1111
()
256
255
2
REF
V
::
1000
0001
()
256
129
2
REF
V
1000
0000
()
REF
REF
V
V
=
256
128
2
0111
1111
()
256
127
2
REF
V
::
0000
0001
()
256
1
2
REF
V
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a
2k
Ω load with a 100pF load capacitance.
SERIAL INTERFACE
Before writing any data to the WM2626, the interface must be enabled by setting NCS to low.
Incoming data on DIN (starting with the MSB) is then shifted bit-per-bit into the internal register on
the falling edges of SCLK. From there data is loaded into the target latch after 16 bits have been
transferred, or when NCS rises. Four internal latches can be addressed: DAC A, DAC B, the buffer
latch or the control register. Their function is explained below (see ‘Register Addressing’).
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
MHz
t
t
f
WL
WH
SCLK
20
1
min
min
max
=
+
=
Since a data word contains 16 bits, the sample rate for one channel is limited to
()
MHz
t
t
f
WL
WH
s
25
.
1
16
1
min
min
max
=
+
×
=
For full two-channel operation, where two data words need to be transmitted per sample, this figure
is halved to 625kHz. However, the DAC settling time to 8-bit accuracy limits the response time of
the analogue output for large input step transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com