Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5186SMSS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5186SMSS
Description  3 Amps 150-200 nsec 100-1000 V Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5186SMSS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5186SMSS Datasheet HTML 1Page - Solid States Devices, Inc SPD5186SMSS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SPD __ __ __
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Package Type
__ = Axial Leaded
B = Axial w/ .040” lead diameter
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
└
Voltage
5186=100V
5190=600V
5187=200V
5191=800V
5188=400V
5192=1000V
SPD5186 Thru SPD5192
and
SPD5186SMS Thru SPD5192SMS
3 Amps
150-200 nsec
100-1000 V
Fast Recovery Rectifier
Features:
•
Fast Recovery: 150-200 nsec maximum
•
Low Reverse Leakage Current
•
PIV to 1000 Volts
•
Hermetically Sealed
•
High Surge Rating
•
Low Thermal Resistance
•
Faster Recovery Devices Available – Contact
Factory
•
TX, TXV, and Space Level Screening Available2/
•
Replacement for 1N5186, 1N5187, 1N5188, and
1N5190
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD5186…SMS
SPD5187…SMS
SPD5188…SMS
SPD5190…SMS
SPD5191…SMS
SPD5192…SMS
VRRM
VRWM
VR
100
200
400
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25 °C)
Io
3
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to reach
equilibrium between pulses, TA = 25 °C)
IFSM
100
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L=3/8”
B Variant
Junction to End Tab (Surface Mount)
RθJL
RθJL
RθJE
20
25
14
ºC/W
NOTES:
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Axial
Surface Mount Square Tab
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0009D
DOC


Similar Part No. - SPD5186SMSS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD51 SSDI-SPD51 Datasheet
99Kb / 2P
HYPER FAST RECTIFIER
logo
Renesas Technology Corp
SPD5108 RENESAS-SPD5108 Datasheet
2Mb / 103P
Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
SPD5108-Y1B000NCG RENESAS-SPD5108-Y1B000NCG Datasheet
2Mb / 103P
Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
SPD5108-Y1B000NCG8 RENESAS-SPD5108-Y1B000NCG8 Datasheet
2Mb / 103P
Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
SPD5118 RENESAS-SPD5118 Datasheet
2Mb / 103P
Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
More results

Similar Description - SPD5186SMSS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA312AF SSDI-SDA312AF Datasheet
127Kb / 2P
10 AMPS 180 - 200 nsec FAST RECOVERY 3 PHASE BRIDGE ASSY
SPD6620 SSDI-SPD6620 Datasheet
148Kb / 2P
1.5 - 2 AMPS 200 침 1000 VOLTS 30 짰 60 nsec ULTRA FAST RECOVERY RECTIFIER
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SDR3PF SSDI-SDR3PF Datasheet
199Kb / 2P
3 AMPS, 1300-1800 VOLTS 650 nsec FAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SDR1004F SSDI-SDR1004F Datasheet
201Kb / 2P
100 AMPS, 400-1000 VOLTS 270 nsec FAST RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
1N6686 SSDI-1N6686 Datasheet
197Kb / 2P
20 AMPS 100 - 200 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR950E SSDI-SDR950E Datasheet
199Kb / 2P
60 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SPD6626 SSDI-SPD6626 Datasheet
145Kb / 2P
2.8 - 4 AMPS 200 - 1000 VOLTS 30 - 60 nsec HYPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com