Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA188AFDUFS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA188AFDUFS
Description  50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA188AFDUFS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA188AFDUFS Datasheet HTML 1Page - Solid States Devices, Inc SDA188AFDUFS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0051A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA188UF Series
Case Outline:
TOLERANCE: XX±..03
XXX±..020
FRACTIONAL = NOM DIM
ELECTRICAL CHARACTERISTICS
Part
Number
CT= Common Cathode
CA= Common Anode
D= Doubler
Peak
Inverse
Voltage
(per leg)
Average
Rectified
Forward
Current
Average
Rectified
Forward
Current
Peak Surge
Current
(1 Cycle)
Forward
Voltage Drop
(per leg)
300
μsec Pulse
Reverse
Leakage
Current
(per leg)
@ rated PIV
300
μsec Pulse
Reverse Recovery
Time
Symbol
PIV
IO
IO
IF
VF
IR
trr
Units
Volts
Amps
Amps
Amps
Volts
μA
ns
Conditions
55
oC
100
oC
TA= 25
oC
25
oC
25
oC
IF = 0.5 A, IR = 1A,
IRR = 0.25 A,
TA =25
oC
SDA188_D_UF
400
50
33
350
2.0
15
100
SDA188_E_UF
600
50
33
350
2.0
15
100
SDA188_F_UF
800
50
33
350
2.0
15
100
SDA188_G_UF
900
50
33
350
2.0
15
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com