Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2630 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2630
Description  Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2630 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2630 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2630 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Production Data
WM2630
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 February 2001
7
TYPICAL PERFORMANCE GRAPHS
-4
-3
-2
-1
0
1
2
3
4
0
512
1024
1536
2048
2560
3072
3584
4096
DIGITAL CODE
Figure 2 Integral Non-Linearity
VDD = 3.3V
VREF = 1.024V
Input Code = 0
0
0.2
0.4
0.6
0.8
1
00.5
11.5
2
Sink Current (mA)
Slow
Fast
VDD = 5V
VREF = 2.048V
Input Code = 0
0
0.2
0.4
0.6
0.8
1
00.2
0.4
0.6
0.811.2
1.4
1.6
1.82
Sink Current (mA)
Slow
Fast
Figure 3 Output Load Regulation (Sink) AVDD = 3V
Figure 4 Output Load Regulation (Sink) AVDD = 5V
VDD=3V
V
REF=1.024V
Input Code = 4095
2
2.02
2.04
2.06
2.08
2.1
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Sourcing Current (mA)
Slow
Fast
VDD=5V
VREF=2.048V
Input Code = 4095
4.05
4.07
4.09
4.11
4.13
4.15
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Sourcing Current (mA)
Slow
Fast
Figure 5 Output Load Regulation (Source) AVDD = 3V
Figure 6 Output Load Regulation (Source) AVDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com