Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2124CSTR Datasheet(PDF) 11 Page - Microsemi Corporation

Part # NX2124CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2124CSTR Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button NX2124CSTR Datasheet HTML 7Page - Microsemi Corporation NX2124CSTR Datasheet HTML 8Page - Microsemi Corporation NX2124CSTR Datasheet HTML 9Page - Microsemi Corporation NX2124CSTR Datasheet HTML 10Page - Microsemi Corporation NX2124CSTR Datasheet HTML 11Page - Microsemi Corporation NX2124CSTR Datasheet HTML 12Page - Microsemi Corporation NX2124CSTR Datasheet HTML 13Page - Microsemi Corporation NX2124CSTR Datasheet HTML 14Page - Microsemi Corporation NX2124CSTR Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NX2124/2124A
11
Rev.1.8
02/28/08
B. Type II compensator design
If the electrolytic capacitors are chosen as power
stage output capacitors, usually the Type II compensa-
tor can be used to compensate the system.
Type II compensator can be realized by simple RC
circuit without feedback as shown in figure 6. R
3 and C1
introduce a zero to cancel the double pole effect. C
2
introduces a pole to suppress the switching noise. The
following equations show the compensator pole zero lo-
cation and constant gain.
1
m3
12
z
31
p
32
R
Gain=g
R
... (15)
R +R
1
F =
... (16)
2
RC
1
F
... (17)
2
RC
××
×π ××
≈
×π ××
compensator
loop gain
power stage
40dB/decade
20dB/decade
Gain
FZ
LC
F
ESR
F
O
F
FP
Figure 6 - Bode plot of Type II compensator
gm
R3
C1
C2
Ve
Vout
Vref
Fb
R2
R1
Figure 7 - Type II compensator with
transconductance amplifier
For this type of compensator, F
O has to satisfy
F
LC<FESR<<FO<=1/10~1/5Fs.
The following is parameters for type II compensa-
tor design. Input voltage is 5V, output voltage is 1.8V,
output inductor is 1.5uH, output capacitors are two
1500uF with 13m
Ω electrolytic capacitors.
1.Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
OUT
OUT
1
F
2
LC
1
2
1.5uH 3000uF
2.3kHz
=
×π ××
=
×π ××
=
ESR
OUT
1
F
2
ESRC
1
2
6.5m
3000uF
8.2kHz
=
×π ××
=
×π ×
Ω×
=
2.Set R
2 equal to 1kΩ.
×
Ω×
=
=Ω
2
REF
1
OUT
REF
RV
1k
0.8V
R =
800
V
-V
1.8V-0.8V
Choose R
1=800Ω.
3. Set crossover frequency at 1/10~ 1/5 of the
swithing frequency, here FO=30kHz.
4.Calculate R
3 value by the following equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com