Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5186B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5186B
Description  3 Amps 150-200 nsec 100-1000 V Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5186B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5186B Datasheet HTML 1Page - Solid States Devices, Inc SPD5186B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5186 Thru SPD5192
and
SPD5186SMS Thru SPD5192SMS
Electrical Characteristics
Symbol
Value
Units
Instantaneous Forward Voltage Drop
(
IF =3Adc, TA = 25 ºC, 300μs Pulse)
VF
1.3
VDC
Instantaneous Forward Voltage Drop
(
IF =3Adc, TA = -55 ºC, 300μs Pulse)
VF
1.45
VDC
Reverse Leakage Current
(Rated VR, TA = 25 ºC , 300μs minimum pulse)
IR
5
μA
Reverse Leakage Current
(Rated VR, TA = 100 ºC , 300μs minimum pulse)
IR
200
μA
Reverse Recovery Time
(I
F = 500 mA, IR = 1 Amp, IRR = 250 mA, TA = 25
ºC)
SPD5186…SMS-SPD5188…SMS
SPD5190…SMS-SPD5192…SMS
tRR
150
200
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
40
pF
CASE OUTLINE: Axial
CASE OUTLINE: Surface Mount Square Tab
Dimensions
DIM
MIN
MAX
A
.172”
.180”
B
.180”
.280”
C
.022”
.028”
D
.002”
---
Dimensions
DIM
MIN
MAX
A
---
.200”
B
---
.230”
C
.047”
.053”
C (B Variant)
.038”
.042”
D
1.00”
---
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0009D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com