Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2154ACSTR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # NX2154ACSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154ACSTR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button NX2154ACSTR Datasheet HTML 4Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 5Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 6Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 7Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 8Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 9Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 10Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 11Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NX2154/2154A
8
Rev.1.2
02/26/07
It should be considered that the proposed equa-
tion is based on ideal case, in reality, the droop or over-
shoot is typically more than the calculation. The equa-
tion gives a good start. For more margin, more capaci-
tors have to be chosen after the test. Typically, for high
frequency capacitor such as high quality POSCAP es-
pecially ceramic capacitor, 20% to 100% (for ceramic)
more capacitors have to be chosen since the ESR of
capacitors is so low that the PCB parasitic can affect
the results tremendously. More capacitors have to be
selected to compensate these parasitic parameters.
Compensator Design
Due to the double pole generated by LC filter of the
power stage, the power system has 180o phase shift ,
and therefore, is unstable by itself. In order to achieve
accurate
output
voltage
and
fast
transient
response,compensator is employed to provide highest
possible bandwidth and enough phase margin.Ideally,the
Bode plot of the closed loop system has crossover fre-
quency between1/10 and 1/5 of the switching frequency,
phase margin greater than 50o and the gain crossing
0dB with -20dB/decade. Power stage output capacitors
usually decide the compensator type. If electrolytic
capacitors are chosen as output capacitors, type II com-
pensator can be used to compensate the system, be-
cause the zero caused by output capacitor ESR is lower
than crossover frequency. Otherwise type III compensa-
tor should be chosen.
A. Type III compensator design
For low ESR output capacitors, typically such as
Sanyo oscap and poscap, the frequency of ESR zero
caused by output capacitors is higher than the cross-
over frequency. In this case, it is necessary to compen-
sate the system with type III compensator. The follow-
ing figures and equations show how to realize the type III
compensator by transconductance amplifier.
Z1
42
Z2
2
33
P1
33
P2
12
4
12
1
F
...(11)
2
RC
1
F
...(12)
2
(R
R )C
1
F
...(13)
2
RC
1
F
...(14)
CC
2R
CC
=
×π ××
=
×π ×+×
=
×π ××
=
×
×π ××
+
where FZ1,FZ2,FP1 and FP2 are poles and zeros in
the compensator. Their locations are shown in figure 4.
The transfer function of type III compensator for
transconductance amplifier is given by:
e
mf
OUT
m
in
in1
V
1 gZ
V
1 gZ
Z /R
−×
=
+×+
For the voltage amplifier, the transfer function of
compensator is
e
f
OUT
in
V
Z
VZ
−
=
To achieve the same effect as voltage amplifier,
the compensator of transconductance amplifier must
satisfy this condition: R
4>>2/gm. And it would be desir-
able if R
1||R2||R3>>1/gm can be met at the same time.
Zin
Zf
Vout
Vref
Fb
R2
R1
R3
R4
C3
C1
C2
Ve
gm
Figure 3 - Type III compensator using
transconductance amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com