Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2158 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # NX2158
Description  PWM BOOST CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2158 Datasheet(HTML) 2 Page - Microsemi Corporation

  NX2158 Datasheet HTML 1Page - Microsemi Corporation NX2158 Datasheet HTML 2Page - Microsemi Corporation NX2158 Datasheet HTML 3Page - Microsemi Corporation NX2158 Datasheet HTML 4Page - Microsemi Corporation NX2158 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microsemi
Analog Mixed Signal Group
NX2158
2
Rev.1.2
12/30/09
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over V
CC=3.3V, VENBUS=1.5V, VBST=5V, TA = 25
oC. Low duty
cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature.
ABSOLUTE MAXIMUM RATINGS(NOTE1)
VCC to GND .................................................. 6.5V
BST to GND Voltage ...................................... 6.5V
VIN to GND Voltage ........................................ 6.5V
SW to GND .................................................... -2V to 6.5V
All other pins .................................................. -0.3V to 6.5V
Storage Temperature Range ............................. -65oC to 150oC
Operating Junction Temperature Range ............. -40oC to 125oC
NOTE1: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent damage to
the device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
16-LEAD PLASTIC 3X3 MLPQ
o
JA
CW
θ ≈ 46/
FB
9
10
11
12
4
3
2
1
HDRV
PGND
LDRV
RT
COMP
AGND
8
7
6
5
16
15
14
13
BST
PAD
17
PARAMETER
SYM
Test Condition
M in
TYP
MAX
Units
Reference Voltage
Ref Voltage
VREF
0.793
0.8
0.808
V
Ref Voltage line regulation
VCC=3V to 5.5V
0.7
1
%
Supply Voltage(VCC)
VCC Voltage Range
Vin
V
Input Voltage Current(Static)
No switching,ENBUS=0V
3
mA
Input Voltage Current
(Dynam ic)
COMP=2.4V
3.5
mA
Under Voltage Lockout
VCC-Threshold
VCC_UVLO VCC Rising
2.6
2.8
3
V
VCC-Hysteresis
VCC_Hyst
VCC Falling
0.1
0.2
0.355
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com