Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2601 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # NX2601
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2601 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button NX2601 Datasheet HTML 17Page - Microsemi Corporation NX2601 Datasheet HTML 18Page - Microsemi Corporation NX2601 Datasheet HTML 19Page - Microsemi Corporation NX2601 Datasheet HTML 20Page - Microsemi Corporation NX2601 Datasheet HTML 21Page - Microsemi Corporation NX2601 Datasheet HTML 22Page - Microsemi Corporation NX2601 Datasheet HTML 23Page - Microsemi Corporation NX2601 Datasheet HTML 24Page - Microsemi Corporation NX2601 Datasheet HTML 25Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
NX2601
21
Rev. 2.3
12/01/06
For electrolytic or POSCAP, R
C is typically
selected to be zero.
R
f2 is determined by the desired output voltage
f 2
f 1
REF
LDOOUT
REF
R
R
V
/(V
V)
5k
0.8V /(2.5V
0.8)
2.35k
=
×−
= Ω×
−
=Ω
Choose R
f2=2.34kΩ.
Current Limit for LDO
Current limit of LDO is achieved by sensing the
LDO feedback voltage. When LDO_FB pin is below 0.4V,
the IC goes into hiccup mode. The IC will turn off all the
channel (Channel 1 and Channel 2 ) for 2096 cycles and
start to restart system again.
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
There are two sets of components considered in
the layout which are power components and small sig-
nal components. Power components usually consist of
input capacitors, high-side MOSFET, low-side MOSFET,
inductor and output capacitors. A noisy environment is
generated by the power components due to the switch-
ing power. Small signal components are connected to
sensitive pins or nodes. A multilayer layout which in-
cludes power plane, ground plane and signal plane is
recommended .
Layout guidelines:
1. First put all the power components in the top
layer connected by wide, copper filled areas. The input
capacitor, inductor, output capacitor and the MOSFETs
should be close to each other as possible. This helps to
reduce the EMI radiated by the power loop due to the
high switching currents through them.
2. Low ESR capacitor which can handle input RMS
ripple current and a high frequency decoupling ceramic
cap which usually is 1uF
need to be practically touch-
ing the drain pin of the upper MOSFET, a plane connec-
tion is a must.
3. The output capacitors should be placed as close
as to the load as possible and plane connection is re-
quired.
4. Drain of the low-side MOSFET and source of
the high-side MOSFET need to be connected thru a plane
ans as close as possible. A snubber nedds to be placed
as close to this junction as possible.
5. Source of the lower MOSFET needs to be con-
nected to the GND plane with multiple vias. One is not
enough. This is very important. The same applies to the
output capacitors and input capacitors.
6. Hdrv and Ldrv pins should be as close to
MOSFET gate as possible. The gate traces should be
wide and short. A place for gate drv resistors is needed
to fine tune noise if needed.
7. Vcc capacitor, BST capacitor or any other by-
passing capacitor needs to be placed first around the IC
and as close as possible. The capacitor on comp to
GND or comp back to FB needs to be place as close to
the pin as well as resistor divider.
8. The output sense line which is sensing output
back to the resistor divider should not go through high
frequency signals.
9. All GNDs need to go directly thru via to GND
plane.
10. The feedback part of the system should be
kept away from the inductor and other noise sources,
and be placed close to the IC.
11. In multilayer PCB, separate power ground and
analog ground. These two grounds must be connected
together on the PC board layout at a single point. The
goal is to localize the high current path to a separate
loop that does not interfere with the more sensitive ana-
log control function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com