Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2633CDT Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM2633CDT
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2633CDT Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM2633CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 9Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 10Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 11Page - Wolfson Microelectronics plc WM2633CDT Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Production Data
WM2633
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 1999
11
PROGRAMMABLE INTERNAL REFERENCE
The reference can be sourced internally or externally under software control. If an external reference
voltage is applied to the REF pin, the device must be configured to accept this.
If an external reference is selected, the reference voltage input is buffered which makes the DAC
input resistance independent of code. The REF pin has an input resistance of 10M
Ω and an input
capacitance of typically 55pF. The reference voltage determines the DAC full-scale output.
If an internal reference is selected, a voltage of 1.024V or 2.048 is available. The internal reference
can source up to 1mA and can therefore be used as an external system reference.
REF1
REF0
REFERENCCE
0
0
External (default)
0
1
1.024V
1
0
2.048V
1
1
External
Table 6 Programmable Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com