Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1692IPW Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1692IPW
Description  TM Full Bridge Resonant CCFL Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1692IPW Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1692IPW Datasheet HTML 7Page - Microsemi Corporation LX1692IPW Datasheet HTML 8Page - Microsemi Corporation LX1692IPW Datasheet HTML 9Page - Microsemi Corporation LX1692IPW Datasheet HTML 10Page - Microsemi Corporation LX1692IPW Datasheet HTML 11Page - Microsemi Corporation LX1692IPW Datasheet HTML 12Page - Microsemi Corporation LX1692IPW Datasheet HTML 13Page - Microsemi Corporation LX1692IPW Datasheet HTML 14Page - Microsemi Corporation LX1692IPW Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LX1692
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2004
Rev. 1.2, 12/20/2006
Full Bridge Resonant CCFL Controller
TM
®
DIM M ING MODES
MODE
BRITE A
BRITE D
ISNS
CBST
I Range
DC voltage controlled analog
0 – 2V
VDDA
cap
3:1
DC voltage controlled reverse analog
VDDA
VDDA
0–2V
cap
1:3
External PWM controlled digital
VDDA
PWM
cap
60:1
DC voltage controlled digital
VDDA
0.5-2.5V
Cap
30:1
Analog + voltage controlled Digital
0 -2V
0.5-2.5V
Cap
60:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com