Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD64001 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD64001
Description  1-Port PoE Manager
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001 Datasheet(HTML) 2 Page - Microsemi Corporation

  PD64001 Datasheet HTML 1Page - Microsemi Corporation PD64001 Datasheet HTML 2Page - Microsemi Corporation PD64001 Datasheet HTML 3Page - Microsemi Corporation PD64001 Datasheet HTML 4Page - Microsemi Corporation PD64001 Datasheet HTML 5Page - Microsemi Corporation PD64001 Datasheet HTML 6Page - Microsemi Corporation PD64001 Datasheet HTML 7Page - Microsemi Corporation PD64001 Datasheet HTML 8Page - Microsemi Corporation PD64001 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
2
Main Features Description___________________________________
Feature
Description
PD64001/H features
IEEE 802.3af-2003
Compliant
The PD64001/H meets all IEEE-802.3af-2003 standard requirements including:
Multi – point resistor detection
PD classification function
AC disconnect and DC disconnect function
Supports Back-off feature for Midspan implementation
IEEE802.3at-draft4.2
Compliant
Including support for high power and 2-events classification.
Single DC voltage Input
The PD64001/H requires a single DC voltage source: 44V to 57V. No additional
voltage sources (e.g. 3.3V/5V) are required for the PoE system’s operation.
Wide temperature range:
-40°c to +85°c
The PD64001/H can operate over a wide temperature range: -40° C to +85° C.
This temperature range enables the integration of the PD64001/H into small
unventilated boxes and operates in harsh environments.
Low thermal dissipation
(1Ω sense resistor)
The PD64001/H has a very low thermal dissipation. The Rsense in the PD64001/H
applications is only 1Ω to keep the peripheral components in low temperatures as
well.
External Power FET
External Mosfet is utilized to increase the flexibility of the solution, enabling it to be
tailored to the customer power requirements.
H/W Disable Port
The PD64001/H utilizes a dedicated pin, allowing an immediate disconnection of the
PoE port. This disable-port pin input can be controlled via the Host CPU.
Pre-Standard PD
Detection
Enables the detection and powering of pre-standard power devices (PDs).
Detection of Cisco
Devices
Enables the detection and powering of all Cisco devices including pre-standard
terminals.
LED Support
Direct driving of the LED circuitry. This enables the designer to implement a simple
LED circuit, indicating whether an IEEE802.3af or IEEE802.3at device is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com