Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD64004AH Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD64004AH
Description  4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64004AH Datasheet(HTML) 2 Page - Microsemi Corporation

  PD64004AH Datasheet HTML 1Page - Microsemi Corporation PD64004AH Datasheet HTML 2Page - Microsemi Corporation PD64004AH Datasheet HTML 3Page - Microsemi Corporation PD64004AH Datasheet HTML 4Page - Microsemi Corporation PD64004AH Datasheet HTML 5Page - Microsemi Corporation PD64004AH Datasheet HTML 6Page - Microsemi Corporation PD64004AH Datasheet HTML 7Page - Microsemi Corporation PD64004AH Datasheet HTML 8Page - Microsemi Corporation PD64004AH Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PD64004AH - 4-Port Power Sourcing Equipment
Manager for Power over Ethernet Systems
PACKAGE ORDER INFO
48-Pin QFNPS
TA (°C)
-40 to +70*/85**
°C
PD64004AH***
* Temperature range for full 802.3at-2009 (up to 600 mA) load.
** Temperature range for full standard “af” (up to 350 mA) load.
*** 'H’ Stands for 802.3at-2009
Absolute Maximum Ratings
Package Pin Out
Vmain………………………………………………… -0.3 to 80 VDC
(1)
DGND, AGND, QGND, SENSE_NEG………….. -0.3 to 0.3 VDC
(2)
VPORT_POSx ………………………………..……….. -0.3 to 80 VDC
(1)
VPORT_NEGx, REF_PORT_NEG
VPORT_POSx - VPORT_NEGx
PORT_SENSEx
0.3 to 15 VDC
VCC2p5, ADC2p5
.-0.3 to 3 VDC
VPERI
4 VDC
EXT_REG
-0.3 to 6 VDC
I2CINI, ASICINI
-0.3 to 3 VDC
MISO, MOSI, SCK,
SCL, SDA, CLK,
RESETN, CS0_N,
CS1_N
-0.3 to (VPERI + 0.3) VDC
ESD (Human Body
Model)
-2 to 2 kV(3
Maximum junction
temperature (Tjunc)
+150
° C
Junction-ambient
thermal resistance
(θJA)
25
°C/W
Junction-case
thermal resistance
(θJC)
16
° C/W
Lead temperature
(soldering, 10 s)
300
° C
Storage temperature
-40 to +125
° C
Notes: “x” defines port numbers, 0 thru 3, inclusive.
(1) 80 VDC is the transient voltage that can be applied for 1 minute maximum.
(2) Maximum value between grounds.
(3) ESD testing is performed in accordance with the Human Body Model (CZap =
100 pF, RZap = 1500
Ω)
Stresses beyond those listed above may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Copyright © 2009
Microsemi
2
Rev. 1.0, 14-Jan-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com