Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2638CD Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2638CD
Description  Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2638CD Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2638CD Datasheet HTML 1Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM2638CD Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WM2638
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 99
5
SERIAL INTERFACE
NCS
SCLK
DIN
D15
D14
D13
D12
D11
D0
t
SUCSS
t
WCL
t
WCH
t
SUCS1
t
SUCS2
t
HDCLK
t
SUDCLK
Figure 1 Timing Diagram
Test Conditions:
RL = 10k
Ω, C
L = 100pF. VDD = 5V
±± 10%, V
REF = 2.048V and VDD = 3V
±± 10%, V
REF = 1.024V over recommended operating free-
air temperature range (unless noted otherwise)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSUCSS
Setup time NCS low before SCLK low
10
ns
tSUSCS1
Setup time, rising edge of SCLK to rising edge of NCS,
external end of write
10
ns
tSUSCS2
Setup time, rising edge of SCLK to falling edge of NCS,
start of next write cycle
5
ns
tWCL
Pulse duration, SCLK high
25
ns
tWCH
Pulse duration, SCLK low
25
ns
tSUDCLK
Setup time, data ready before SCLK falling edge
10
ns
tHDCLK
Hold time, data held valid after SCLK falling edge
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com