Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5615CP Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM5615CP
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615CP Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM5615CP Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 9Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 10Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 11Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Wolfson Microelectronics
8
WM5615
Serial Interface
The WM5615 uses a three-wire serial interface which is
compatible with SPI, QSPI (CPOL = CPHA = 0) and
Microwire standards as shown in figures 2 and 3. The
DAC is programmed by writing two 8-bit words, MSB
first (see Block Diagram and Timing Diagram). 16 bits of
serial data are clocked into the DAC in the following or-
der, 4 fill (dummy) bits, 10 data bits and 2 sub-LSB Xs.
The 4 dummy bits are not normally needed and are re-
quired only when DACs are daisy chained. The 2 sub-
LSB Xs, however, are always needed because the input
register is 12 bits wide. Transitions at CS should occur
while SCLK is low. Data is clocked in on the SCLK rising
edge while CS is low. The serial input data is held in a 16-
bit serial shift register. On the CS rising edge, the ten
data-bits are transferred to the DAC register and update
the DAC. With CS high, data cannot be clocked into the
DIN terminal.
The WM5615 receives data in 16-bit blocks. The SPI and
Microwire interfaces output data in 8-bit blocks requiring
two write cycles to input data to the DAC. The QSPI
interface allows variable data output from 8 to 16 bits so
can load into the DAC in one write cycle.
Buffer Amplifier
The output buffer is a rail-to-rail output CMOS op amp.
Max. setting time is 12.5µs to +/-0.5 LSB of final value.
The output is short-circuit protected and can drive a 2k
Ω
load with a 100pF load capacitance.
External Reference
The external voltage input is buffered and must be posi-
tive but less than VDD - 2V. The reference voltage deter-
mines the DAC full-scale output. Since the reference
terminal is buffered, the DAC input resistance is not code
dependent and is 10M
Ω minimum. The REFIN input ca-
pacitance is typically 5pF.
Digital Interface
The digital inputs are designed to be compatible with TTL
or CMOS logic levels. However, to achieve the lowest
power dissipation, the digital inputs should be driven with
rail-to-rail CMOS logic. With TTL logic levels, the power
requirement increases by a factor of approximately two.
INPUT*
OUTPUT
1111
1111
11 (xx)
+2(V
REFIN
)
1000
0000
01 (xx)
+2(V
REFIN
)
1000
0000
00 (xx)
+2(V
REFIN
)
= V
REFIN
0111
1111
11 (xx)
+2(V
REFIN
)
0000
0000
01 (xx)
+2(V
REFIN
)
0000
0000
00 (xx)
0V
Detailed Description (Continued)
1023
1024
513
1024
511
1024
1
1024
Table 1 - Binary Code Table
(0V to 2VREFIN Output), Gain = 2
512
1024
* A 10-bit data word with two sub-LSB Xs must be
written since the DAC input latch is 12-bits wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com