Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5628IDW Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM5628IDW
Description  3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5628IDW Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM5628IDW Datasheet HTML 1Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 2Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 3Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 4Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 5Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 6Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 7Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 8Page - Wolfson Microelectronics plc WM5628IDW Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Wolfson Microelectronics
4
WM5628L, WM5628
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
Supply current
IDD
VDD = 3.3v
4
mA
Static Accuracy
Resolution
8
Bits
Monotonicity
8
Bits
Differential Nonlinearity DNL
VREF = 1.25 V, Range x 2. (note 3)
± 0.9
LSB
Integral Nonlinearity
INL
VREF = 1.25 V, Range x 2. (note 4)
± 1.0
LSB
Zero-code error
ZCE
VREF = 1.25 V, Range x 2. (note 5)
0
30
mV
Zero-code error
Input code = 00 Hex (note 6)
10
µV/OC
temperature coefficient
Full scale error
FSE
VREF = 1.25 V, Range x 2. (note 8)
± 60
mV
Full scale error
Input code = FF Hex (note 9)
± 25
µV/OC
temperature coefficient
Output sink current
IO(SINK)
Each DAC output
20
µA
Output source current
IO(SOURCE)
1mA
Power supply
IREF
VDD = 3.3V, VREF = 1.5V
0.5
mV/V
sensitivity
PSRR
Electrical Characteristics: WM5628L
VDD = 3 .6V, GND = 0 V, VREF = 2 V x 1 gain, RL = 10 k
Ω, CL = 100 pF, TA = full range, unless otherwise stated.
Electrical Characteristics: WM5628 & WM5628L
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
High level input current
IIH
VI = VDD
±10
µA
Low level input current
IIL
VI = 0V
±10
µA
Input capacitance
CI
15
pF
Timing Parameters
Data input setup time
tSD
50
ns
Data input hold time
tHD
50
ns
CLK
to Load
tHL
50
ns
Load
to CLK
tSL
50
ns
Load duration
tWL
250
ns
LDAC duration
tWD
250
ns
Load
to LDAC
tLD
0ns
Reference Inputs
Reference input
VREF
A, B, C, D, inputs
GND
VDD-1.5
V
voltage
Reference input
A, B, C, D, inputs
15
pF
capacitance
Reference
A, B, C, D inputs (note 11)
-60
dB
feedthrough
Channel to channel
A, B, C, D inputs (note 12)
-60
dB
isolation
VDD = 2.7 to 5.5V, GND = 0 V, VREF = 2 V x 1 gain, RL = 10 k
Ω, CL = 100 pF, TA = full range, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com