Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8143-12CFT/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8143-12CFT/V
Description  12-bit/4MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-12CFT/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8143-12CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Production Data
WM8143-12
Wolfson Microelectronics
PD. Rev 4 Nov. 99
19
REGISTER
BIT NO
BIT NAMES(S)
DEFAULT
DESCRIPTION
0
ENADC
1
ADC Standby Control: 0 = Standby, 1 = Active
1
CDS
1
Correlated Double Sampling Mode:
0 = Single Ended Mode, 1 = CDS Mode
2
MONO
0
Mono/Colour Select:
0 = Colour, 1 = Monochrome Operation
Setup Register 1
Address ,<a5:a0>
000001
6
VSMP4M
0
Required when operating in Mode 4:
0 = Other Modes, 1 = Mode 4
0
MUXOP
0
Eight Bit Output Mode: 0 = 12-bit, 1 = 8-bit Multiplexed
Setup Register 2
Address ,<a5:a0>
000010
2
INVOP
0
Inverts ADC Output: 0 = Non-inverting, 1 = Inverting
1-0
RLC1-0
01
Reset Level Clamp Voltage:
00 = 1.5V
01 = 2.5V
10 = 3.5V
11 = Reserved
5-4
CDSREF1-0
01
CDS Mode Reset Timing Adjust:
00 = Advance 1 MCLK Period
01 = Normal
10 = Retard 1 MCLK Period
11 = Retard 2 MCLK Periods
Setup Register 3
Address ,<a5:a0>
000011
7-6
CHAN1-0
00
Monochrome Mode Channel Select:
00 = Red channel
01 = Green channel
10 = Blue channel
11 = Reserved
1
DACRNG
0
Offset DAC Output Range:
0 = DAC Output Range = Vmid/2 = +/-1.25V
1 = DAC Output Range = 1.5
∗(Vmid/2) = +/-1.875V
Setup Register 4
Address ,<a5:a0>
000101
4
MODE 12
0
Enable 12-bit ADC Output:
0 = 10 bit, 1 = 12 bit
Table 6 Control Bit Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com