Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5620 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM5620
Description  3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5620 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM5620 Datasheet HTML 6Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 7Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 8Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 9Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 10Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 11Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 12Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 13Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Wolfson Microelectronics
13
WM5620L, WM5620
Package Descriptions
Plastic Small-Outline Package
Notes:
A. Dimensions in millimeters.
B. Complies with Jedec standard MS-012.
C. This drawing is subject to change without notice.
D. Body dimensions do not include mold flash or protrusion.
E. Dimension A, mould flash or protrusion shall not exceed 0.15mm. Body width, interlead flash or protrusions shall
not exceed 0.25mm.
NMin
Max
8
4.80
5.00
14
8.55
8.75
16
9.80
10.00
Dimension 'A' Variations
D - 8 pins shown
0.51
0.33
1.75
1.35
0.25
0.10
Pin spacing
1.27 B.S.C.
1.27
0.40
0 to 8
OO
0.25
0.19
0.50
0.25
x 45 NOM
O
6.20
5.80
4.00
3.80
14
5
8
A
Rev. 1 November 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com