Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5628LIN Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM5628LIN
Description  3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5628LIN Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM5628LIN Datasheet HTML 7Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 8Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 9Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 10Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 11Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 12Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 13Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 14Page - Wolfson Microelectronics plc WM5628LIN Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
WM5628L, WM5628
Wolfson Microelectronics
15
Package Description
Wide body Plastic Small-Outline Package
1,27 B.S.C.
0,51
0,33
0,25 M
9
16
7,60
7,40
10,65
10,00
A
18
2,65
2,35
0,30
0,10
1,27
0,40
Gauge Plane
0o - 8o
0,10
Notes:
A. Dimensions in millimeters.
B. Complies with Jedec standard MS-013.
C. This drawing is subject to change without notice.
D. Body dimensions do not include mold flash or protrusion.
E. Dimension A, mould flash or protrusion shall not exceed 0.15mm. Body width, interlead flash or protrusions shall not
exceed 0.25mm.
DW - 16 pin shown
DIM
A MIN
A MAX
PINS**
16
10,50
20
13,00
10,10
12,60
24
15,60
15,20
18,10
28
17,70
0.75 x 450
0.25 x 450
Rev. 1 November 96
0,33
0,23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com