Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6T2 Datasheet(PDF) 3 Page - Rohm

Part # MP6T2
Description  Medium Power Transistor (−32V, −2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T2 Datasheet(HTML) 3 Page - Rohm

  MP6T2 Datasheet HTML 1Page - Rohm MP6T2 Datasheet HTML 2Page - Rohm MP6T2 Datasheet HTML 3Page - Rohm MP6T2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MP6T2
Transistors
Rev.A
3/3
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLETOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
−0.1
−0.05
−0.2
−0.5
−1
IC /IB
=10
Ta
=25°C
Fig.10 Normalized Thermal Resistance
(Element)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
1000
Pulse width : Pw(s)
Ta=25
℃
Fig.11
Safe Operating Area
(Tr1 & Tr2)
Fig.9 Collector Output Capacitance vs.
Collector-Base Voltage
Emitter Input Capacitance vs.
Emitter-Base Voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Ta
=25
°C
f
=1MHz
IE
=0A
IC
=0A
−0.5
−1
−2
−5
−10 −20 −30
10
20
50
200
300
100
Cib
Cob
Fig.8 Gain Bandwidth Product vs.
Emitter Current
Ta
=25
°C
VCE
= −5V
EMITTER CURRENT : IE
(mA)
5
10
20
50
100
500 1000 2000
200
50
100
200
500
0.01
0.1
1
10
0.1110
100
1ms
10ms
100ms
Ta=25℃
Single Pulse
DC
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
-
-
-
-
--
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com