Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8192 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8192
Description  (88) Bit Output 16-bit CIS/CCD AFE/Digitiser
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8192 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8192 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8192 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
WM8192
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 June 2000
12
OUTPUT FORMATS
The digital data output from the ADC is available to the user in 8 or 4-bit wide multiplexed formats by
setting control bit MUXOP. Latency of valid output data with respect to VSMP is programmable by
writing to control bits DEL[1:0]. The latency for each mode is shown in the Operating Mode Timing
Diagrams section.
Figure 9 shows the output data formats for Modes 1 – 2 and 4 – 6. Figure 10 shows the output data
formats for Mode 3. Table 1 summarises the output data obtained for each format.
MCLK
4+4+4+4-BIT
OUTPUT
AB
AB
C
D
8+8-BIT
OUTPUT
MCLK
4+4+4+4-BIT
OUTPUT
AB
8+8-BIT
OUTPUT
AB
C D
AB
Figure 9 Output Data Formats
(Modes 1
− 2, 4 − 6)
Figure 10 Output Data Formats
(Mode 3)
OUTPUT
FORMAT
MUXOP
OUTPUT
PINS
OUTPUT
8+8-bit
multiplexed
0
OP[7:0]
A = d15, d14, d13, d12, d11, d10, d9, d8
B = d7, d6, d5, d4, d3, d2, d1,d0
4+4+4+4-bit
(nibble)
1
OP[7:4]
A = d15, d14, d13, d12
B = d11, d10, d9, d8
C = d7, d6, d5, d4
D = d3, d2, d1, d0
Table 1 Details of Output Data Shown in Figure 9 and Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com