Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLTS-5A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DLTS-5A
Description  DATA LINE TRANSIENT SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DLTS-5A Datasheet(HTML) 2 Page - Microsemi Corporation

  DLTS-5A Datasheet HTML 1Page - Microsemi Corporation DLTS-5A Datasheet HTML 2Page - Microsemi Corporation DLTS-5A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA LINE TRANSIENT
SUPPRESSOR
S C O T TS DALE DIVISION
DLTS-5 thru DLTS-30
ELECTRICAL CHARACTERISTICS
MICROSEMI
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1 mA
V(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
@ IPP2 = 1A
(8 X 20
μs)
VC1
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
@ IPP2 = 10A
(8 X 20
μs)
VC2
VOLTS
MAXIMUM
REVERSE
LEAKAGE
@ VWM
ID
μA
MAXIMUM
CAPACITANCE
@ OV 1MHz
C
pF
MAXIMUM
VOLTAGE
TEMPERATURE
VARIATION OF
V(BR)
mV/C
Unidirectional
DLTS-5
DLTS-5A
DLTS-12
DLTS-12A
DLTS-17
DLTS-17A
DLTS-24
DLTS-24A
DLTS-30
DLTS-30A
5
5
12
12
17
17
24
24
30
30
6.0
6.0
13.3
13.3
19.2
19.2
26.7
26.7
33.3
33.3
10.2
9.5
21.1
19.1
30.4
27.5
42.3
38.3
52.8
47.8
12.5
10.6
26.0
23.5
37.4
33.9
52.1
47.2
65.0
58.8
200
200
2
2
2
2
2
2
2
2
880
880
440
440
330
330
275
275
220
220
5
5
18
18
20
20
31
31
39
39
Bidirectional
DLTS-8C
DLTS-8CA
DLTS-13C
DLTS-13CA
DLTS-19C
DLTS-19CA
DLTS-30C
DLTS-30CA
8
8
13
13
19
19
30
30
8.5
8.5
14.4
14.4
21.6
21.6
33.3
33.3
13.4
12.2
22.8
20.6
34.2
31.0
52.8
47.8
16.6
15.0
28.1
25.4
42.1
38.1
65.0
58.8
10
10
4
4
4
4
4
4
440
440
385
385
275
275
165
165
9
9
18
18
24
24
39
39
“C” suffix denotes bidirectional and “A” suffix provides a lower selected clamping voltage tolerance
NOTE 1: A TVS is normally selected according to the reverse “Stand Off Voltage” VWM which should be equal to
or greater than the dc or continuous peak operating voltage level.
GRAPHS
tp – Pulse Time
Pulse Waveform
FIGURE 1
FIGURE 2
Peak Pulse Power vs. Pulse Time (per position)
Microsemi
Scottsdale Division
Page 2
Copyright
© 2009
1-08-09 REV B, SA4-35
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com