Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3155 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N3155
Description  8.4 Volt Temperature Compensated Zener Reference Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3155 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N3155 Datasheet HTML 1Page - Microsemi Corporation 1N3155 Datasheet HTML 2Page - Microsemi Corporation 1N3155 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8.4 Volt Temperature Compensated Zener
Reference Diodes
S C O T TS DALE DIVISION
1N3154 thru 1N3157, A, -1, e3
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
ZENER
VOLTAGE
VZ @ IZT
(Note 1)
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
(Note 2)
ZZT
MAXIMUM
REVERSE
CURRENT
IR @ 5.5 V
VOLTAGE
TEMPERATURE
STABILITY
(Note 3 & 4)
ΔVZT
MAXIMUM
TEMPERATURE
RANGE
EFFECTIVE
TEMPERATURE
COEFFICIENT
αVZ
JEDEC
TYPE
NUMBERS
(Notes 1, 5
& 6)
VOLTS
mA
OHMS
μA
mV
oC
%/
oC
1N3154
1N3154A
8.00-8.80
8.00-8.80
10
10
15
15
10
10
130
172
-55 to +100
-55 to +150
0.01
0.01
1N3155
1N3155A
8.00-8.80
8.00-8.80
10
10
15
15
10
10
65
86
-55 to +100
-55 to +150
0.005
0.005
1N3156
1N3156A
8.00-8.80
8.00-8.80
10
10
15
15
10
10
26
34
-55 to +100
-55 to +150
0.002
0.002
1N3157
1N3157A
8.00-8.80
8.00-8.80
10
10
15
15
10
10
13
17
-55 to +100
-55 to +150
0.001
0.001
*JEDEC Registered Data.
NOTES:
1.
When ordering devices with tighter tolerance than specified, add a hyphenated suffix to the part number for desired tolerance,
e.g. 1N3156-2%, 1N3157A-1%, 1N3157-1-1%, etc.
2.
Measured by superimposing 1.0 mA ac rms on 10 mA dc @ 25
oC.
3.
The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the
specified mV change at any discrete temperature between the established limits.
4.
Voltage measurements to be performed 15 seconds after application of dc current.
5.
The 1N3154, 1N3155, 1N3156, and 1N3157 also have military qualification to MIL-PRF-19500/158 up to the JANTXV level by
adding JAN, JANTX, or JANTXV prefix to part numbers as well as “-1” suffix, e.g. JANTX1N3156-1, JANTXV1N3157-1, etc.
6.
Designate Radiation Hardened devices with “RH” prefix instead of “IN”, i.e. RH3157A instead of 1N3157A.
GRAPHS
The curve shown in Figure 1 is typical of the diode series and
greatly simplifies the estimation of the Temperature Coefficient
(TC) when the diode is operated at currents other than 10mA.
EXAMPLE: A diode in this series is operated at a current of
10mA and has specified Temperature Coefficient (TC) limits of
+/-0.005%/
oC. To obtain the typical Temperature Coefficient
limits for this same diode operated at a current of 7.5mA, the
new TC limits (%/
oC) can be estimated using the graph in
FIGURE 1.
At a test current of 7.5mA the change in Temperature Coefficient
(TC) is approximately –0.0012%.
oC. The algebraic sum of +/-
0.005%
oC and –0.0012%/oC gives the new estimated limits of
+0.0038%/oC and -0.0062%/oC.
Microsemi
Scottsdale Division
Page 2
Copyright
© 2005
7-18-2005 REV B
IZ – Operating Current (mA)
FIGURE 1
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT
WITH CHANGE IN OPERATING CURRENT.
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com