Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8731
Description  portable digital audio solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8731 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 2Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
mobile
phones
with mp3
palm tops /
web browsers
mp3
players /
recorders
digital camcorders
www.wolfsonmicro.com
wolfson microelectronics :: direct sales offices
WORLD Headquarters
Wolfson Microelectronics Ltd
Bernard Terrace
Edinburgh
EH8 9NX UK
Tel: +44 131 667 9386
Fax: +44 131 667 5176
USA Sales Office
Wolfson Microelectronics Ltd
111 North Market Street
Suite 670 San Jose
CA 95113 USA
Tel: +1 408 279 2882
Fax: +1 250 746 4186
ASIA PACIFIC Sales Office
Wolfson Microelectronics Ltd
9F-1 No 6 Lane 180
Min-Chiuan East Road
Sec 6 Taipei Taiwan RoC
Tel: +886 2 2792 5775
Fax: +886 2 8791 8590
©
Copyright 2001, Wolfson Microelectronics Ltd. Wolfson and
are registered trademarks of Wolfson Microelectronics Ltd. All other trademarked names are the property of their respective owners.
------------------------------------------------------------------------
productfeatures
part number
voltage supply
standard
package
pack quantity
WM8711EDS
standard
47
SSOP-28
WM8711LEDS
low
47
SSOP-28
WM8721EDS
standard
66
SSOP-20
WM8721LEDS
low
66
SSOP-20
WM8731EDS
standard
47
SSOP-28
WM8731LEDS
low
47
SSOP-28
------------------------------------------------------------------------
orderinginformation
> cd quality audio performance
» dac 100dB snr, 88dB thd (‘A’ weighted @ 48kHz)
» adc 97dB snr, 85dB thd (WM8731 only)
> independent stereo line and headphone outputs
» headphone output power: 40mW on 16
Ω load
» volume and mute controls
> low supply voltage
» 1.42 – 3.6V digital supply
» 1.8 – 3.6V analogue supply for low-voltage parts
»
2.7 – 3.6V analogue supply for standard parts
> very low power
» playback only: 9mW @ 1.8V, 18mW @ 3.3V
» simultaneous playback & record: 18mW @ 1.8V, 36mW @ 3.3V
» standby: 30µW
> programmable sample rates :: 8, 32, 44.1, 48, 88.2, 96kHz
> on-chip clock generator (WM8711 and WM8731 only)
> programmable audio data interface
» i2s, left/right justified or dsp modes
» 16/20/24/32-bit word lengths
» master or slave clocking mode
> 2 or 3-wire serial control interface
> temperature range :: –10°C to +70°C
------------------------------------------------------------------------------------
portable digital audio solutions
WM8711 WM8721 WM8731
productapplications
>
mp3 players and recorders
>
mobile information devices
>
palmtops
>
web browsers
>
mobile phones with mp3
>
digital camcorders and cameras
>
usb headsets
>> all battery powered systems incorporating digital audio
mobile
information
devices
usb headsets
digital still cameras



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com