Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC90 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LC90
Description  1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LC90 Datasheet(HTML) 1 Page - Microsemi Corporation

  LC90 Datasheet HTML 1Page - Microsemi Corporation LC90 Datasheet HTML 2Page - Microsemi Corporation LC90 Datasheet HTML 3Page - Microsemi Corporation LC90 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1500 WATT LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSOR
Microsemi
Scottsdale Division
Page 1
Copyright
© 2008
10-29-2008 REV E
S C O T TS DALE DIVISION
LC6.5 thru LC170A, e3
DESCRIPTION
APPEARANCE
This hermetically sealed Transient Voltage Suppressor (TVS) product family
includes a rectifier diode element in series and opposite direction to achieve low
capacitance performance below 100 pF (see Figure 2). The low level of TVS
capacitance may be used for protecting higher frequency applications in inductive
switching environments or electrical systems involving secondary lightning effects
per IEC61000-4-5 as well as RTCA/DO-160D or ARINC 429 for airborne
avionics. With virtually instantaneous response, they also protect from ESD and
EFT per IEC61000-4-2 and IEC61000-4-4.
If bipolar transient capability is
required, two of these low capacitance TVS devices may be used in parallel in
opposite directions (anti-parallel) for complete ac protection as shown in Figure 4.
DO-13
(DO-202AA)
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Unidirectional low-capacitance TVS series for flexible
thru-hole mounting (for bidirectional see Figure 4)
• Suppresses transients up to 1500 watts @ 10/1000 µs
(see Figure 1)*
• Clamps transient in less than 100 pico seconds
• Working voltage (VWM) range 6.5 V to 170 V
• Hermetic sealed DO-13 metal package
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are also
available by adding MQ, MX, MV, MSP prefixes
respectively to part numbers, e.g. MXLC6.5A, etc.
• Surface mount equivalent packages also available as
SMCJLCE6.5 - SMCJLCE170A or SMCGLCE6.5 -
SMCGLCE170A in separate data sheet (consult factory
for other surface mount options)
• Plastic axial-leaded equivalents available in the LCE6.5
- LCE170A series in separate data sheet
• RoHS Compliant devices available by adding “e3” suffix
• Protection from switching transients and induced RF
• Low capacitance for data line protection up to 1 MHz
• Protection for aircraft fast data rate lines up to Level 5
Waveform 4 and Level 2 Waveform 5A in RTCA/DO-
160D (also see MicroNote 130) & ARINC 429 with bit
rates of 100 kb/s (per ARINC 429, Part 1, par 2.4.1.1)
• ESD & EFT protection per IEC 61000-4-2 and -4-4
• Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1: LC6.5 to LC170A
Class 2: LC6.5 to LC150A
Class 3: LC6.5 to LC70A
Class 4: LC6.5 to LC36A
• Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1 : LC6.5 to LC90A
Class 2: LC6.5 to LC45 A
Class 3: LC6.5 to LC22A
Class 4: LC6.5 to LC11A
• Secondary lightning protection per IEC61000-4-5 with
2 Ohms source impedance:
Class 2: LC6.5 to LC20A
Class 3: LC6.5 to LC10A
• Inherently radiation hard per Microsemi MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• 1500 Watts at 10/1000 μs with repetition rate of 0.01% or
less*
at lead temperature (TL) 25
oC (see Figs. 1, 2, & 4)
• Operating & Storage Temperatures: -65o to +175oC
• THERMAL RESISTANCE: 50oC/W (Typical) junction to
lead at 0.375 inches (10 mm) from body or 110
oC/W
junction to ambient when mounted on FR4 PC board with
4 mm
2 copper pads (1 oz) and track width 1 mm, length
25 mm
• DC Power Dissipation
*: 1 Watt at TL < +125oC 3/8” (10
mm) from body (see derating in Fig 3 and note below)
• Solder Temperatures: 260 o C for 10 s (maximum)
• CASE: DO-13 (DO-202AA), welded, hermetically
sealed metal and glass
• FINISH: All external metal surfaces are Tin-Lead
plated and solderable per MIL-STD-750 method 2026
• POLARITY: Cathode connected to case as shown by
diode symbol (cathode positive for normal operation)
• MARKING: Part number and polarity diode symbol
• WEIGHT: 1.4 grams. (Approx)
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• See package dimension on last page
* TVS devices are not typically used for dc power dissipation and are instead operated < VWM (rated standoff voltage) except for transients that briefly
drive the device into avalanche breakdown (VBR to VC region) of the TVS element. Also see Figures 3 and 4 for further protection details in rated peak
pulse power for unidirectional and bidirectional configurations respectively.
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - LC90

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC90 MICROSEMI-LC90 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC90 MICROSEMI-LC90 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC90 NJSEMI-LC90 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC90A MICROSEMI-LC90A Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC90A MICROSEMI-LC90A Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LC90

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N6373 DIGITRON-1N6373 Datasheet
325Kb / 3P
1500 WATT LOW CLAMPING FACTOR TRANSIENT VOLTAGE SUPPRESSOR
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com