Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9703 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9703
Description  AC97 Revision 2.1 Audio Codec
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9703 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9703 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Production Data
WM9703
WOLFSON MICROELECTRONICS LTD
PD Rev 3.4 January 2001
13
Signals from the PCM DAC channels do not have stereo enhancement applied. It is assumed that
these signals will already have been processed digitally with any required 3D enhancement effect.
Applying the analogue 3D enhancement will corrupt this digital effect. This is equivalent to setting the
POP bit in register 20h. As a result, the readback value of this bit is fixed as 1, and attempts to
change it will be ignored. POP bit is set to one and cannot be re-set.
VARIABLE SAMPLE RATE SUPPORT
The DACs and ADCs on this device support all the recommended sample rates specified in the Intel
Revision 2.1 specification for both audio and modem rates. Default rates are 48ks/s. If alternative
rates are selected, the AC’97 interface continues to run at 48k words per second, but data is
transferred across the link in bursts such that the net sample rate selected is achieved. It is up to the
AC’97 Revision 2.1 compliant controller to ensure that data is supplied to the AC link, and received
from the AC link, at the appropriate rate.
The device supports on demand sampling. That is, when the DAC signal processing circuits need
another sample, a sample request is sent to the controller which must respond with a data sample in
the next frame it sends. For example, if a rate of 24ks/s is selected, on average the device will
request a sample from the controller every other frame, for each of the stereo DACs. Note that if an
unsupported rate is written to one of the rate registers, the rate will default to the nearest rate
supported. The register will then respond when interrogated with the supported rate the device has
defaulted to.
ADCs are controlled similarly but with one difference: Normally the left and right channel ADCs
sample at the same rate.
AUDIO
SAMPLE RATE
CONTROL VALUE
D15-D0
MODEM
SAMPLE RATE
CONTROL VALUE
D15-D0
8000
1F40
7200
1C20
11025
2B11
8228.57 (57600/7)
2024
16000
3E80
8400
20D0
22050
5622
9000
2328
44100
AC44
9600
2580
48000
BB80
10285.71 (72000/7)
282D
12000
2EE0
13714.28 (96000/7)
3592
19200
4B00
24000
5DC0
Table 3 Variable Sample Rates Supported
The following table shows which registers control which DAC rates, versus Mode and ID selected
CODEC ID
FRONT DAC RATE REGISTER
ADC RATE REG
00 and 01
2Ch
10
2Eh
11
2Ch (centre) and 30h (LFE)
32h
Table 4 Variable Rate Register Location Versus ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com