Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704M Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM9704M
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704M Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM9704M Datasheet HTML 22Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 23Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
26
MUTE
GX4...GX0
FUNCTION
0
00000
+12dB gain
0
01000
0dB gain
0
11111
-34.5dB gain
1
xxxxx
-
∞dB gain
Table 12 Mixer Gain Control Register Function
RECORD SELECT CONTROL REGISTER (INDEX 1AH)
Used to select the record source independently for right and left (see Table 13). The default value is
0000h, which corresponds to Mic in.
SR2 TO SR0
RIGHT RECORD SOURCE
SL2 TO SL0
LEFT RECORD SOURCE
0
Mic
0
Mic
1
CD in (R)
1
CD in (L)
2
Video in (R)
2
Video in (L)
3
Aux in (R)
3
Aux in (L)
4
Line in (R)
4
Line in (L)
5
Stereo mix (R)
5
Stereo mix (L)
6
Mono mix
6
Mono mix
7
Phone
7
Phone
Table 13 Record Select Register Function
RECORD GAIN REGISTERS (INDEX 1CH AND 1EH)
1Ch is for the stereo input and 1Eh is for the optional special purpose correlated audio Mic channel.
Each step corresponds to 1.5dB. 22.5dB corresponds to 0F0Fh and 000Fh respectively. The MSB of
the register is the mute bit. When this bit is set to 1, the level for that channel(s) is set at -
∞dB.
The default value is 8000h, which corresponds to 0dB gain with mute on.
MUTE
GX3...GX0
FUNCTION
0
1111
+22.5dB gain
0
0000
0dB gain
1
xxxxx
-
∞dB gain
Table 14 Record Gain Register Function
GENERAL PURPOSE REGISTER (INDEX 20H)
This register is used to control several miscellaneous functions of the WM9704M.
Below is a summary of each bit and its function. Only the MIX, MS and LPBK bits are supported by
the WM9704M. The MS bit controls the Mic selector. The LPBK bit enables loopback of the ADC
output to the DAC input without involving the AC-link, allowing for full system performance
measurements. The function default value is 8000h, which is all off.
BIT
FUNCTION
WM9704M
SUPPORT
POP
PCM out path and mute, 0 = pre-3D, 1 = post-3D
Yes, but fixed at ‘1’
ST
Simulated stereo enhancement, on/off 1 = on
No
3D
3D stereo enhancement on/off, 1 = on
Yes
LD
Loudness (bass boost) on/off, 1 = on
No
LLBK
Local loop back - for modem, line codec
No
RLBK
Remote loop back - for modem, line codec
No
MIX
Mono output select 0 = Mix, 1 = Mic
Yes
MS
Mic select 0 = Mic1, 1 = Mic2
Yes
LPBK
ADC/DAC loopback mode
Yes
Table 15 General Purpose Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com