Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM9707
Description  AC97 Revision 2.1 Audio Codec with Spdif Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM9707 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 30Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Advanced Information
WM9707
WOLFSON MICROELECTRONICS LTD
AI Rev 2.2 January 2001
27
SERIAL INTERFACE REGISTER MAP
The following table shows the function and address of the various control bits that are loaded through
the serial interface during write operations.
Reg Name
D15
D14
D13
D12
D11
D10
D9D8
D7D6D5D4D3D2
D1
D0
efault
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6150h
02h
Master volume
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
04h
LNLVL volume
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
06h
Master volume
mono
Mute
X
XXXXXX
XXX
MM4
MM3
MM2
MM1
MM0
8000h
0Ah
PCBEEP volume
Mute
X
XXXXXX
XXX
PV3
PV2
PV2
PV0
X
8000h
0Ch
Phone volume
Mute
X
XXXXXX
XXX
GN4
GN3
GN2
GN1
GN0
8008h
0Eh
Mic volume
Mute
X
XXXXXX
X
20dB
X
GN4
GN3
GN2
GN1
GN0
8008h
10h
Line in volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
12h
CD volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
14h
Video volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
16h
Aux volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
18h
PCM out volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
1Ah
Rec select
XX
XXX
SL2
SL1
SL0
XXXXX
SR2
SR1
SR0
0000h
1Ch
Rec gain
Mute
X
XX
GL3
GL2
GL1
GL0
XXXX
GR3
GR2
GR1
GR0
8000h
20h
General purpose
POP
ST
3D
lD
X
X
MIX
MS
LPBK
XXXXX
X
X
0000h
22h
3D control
X
X
XXXXXX
XXXX
DP3
DP2
DP1
DP0
0000h
24h
Reserved
XX
XXXXXX
XXXXXX
X
X
0000h
26h
Power/down control
status
APD
X
PR5
PR4
PR3
PR2
PR1
PR0
XXXX
REF
ANL
DAC
ADC
000Fh
28h
Ext’d audio ID
ID1
ID0
XXXX
Amap
Ldac
Sdac
Cdac
X
X
VRM
X
DRA
VRA
1001h
2Ah
Ext’d audio stat/ctrl
X
PRL
PRK
PRJ
PRI
X
Madc
Ldac
Sdac
Cdac
X
X
VRM
X
DRA
VRA
0000h
2Ch
Front DAC rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
32h
Audio ADC rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
5Ch
Vendor specific
REVISION
X
X
X
X
XXXXX
SCMS SPDF
Mute
1000h
72h
Front mixer volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
0808h
74h
Surround sound
X
X
XXXX
ASS1 ASS0
XXXXXX
DSS1
DSS0
0000h
7Ah
Vendor reserved
X
X
XXXXXX
XXXXXX
X
X
0000h
7Ch
Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
574Dh
7Eh
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
Rev7
Rev6
Rev5
Rev4
Rev3
Rev2
Rev1
Rev0
4C03h
Table 17 Serial Interface Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com