Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1844J/DESC Datasheet(PDF) 7 Page - Microsemi Corporation

Part # SG1844J/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844J/DESC Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button SG1844J/DESC Datasheet HTML 3Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 4Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 5Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 6Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 7Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 8Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 9Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 10Page - Microsemi Corporation SG1844J/DESC Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 2000
Rev. 1.6c
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR V E S
FIGURE 2. — OSCILLATOR TEMPERATURE STABILITY
FIGURE 3. — CURRENT SENSE TO OUTPUT DELAY vs.
TEMPERATURE
FIGURE 4. — START-UP CURRENT vs. TEMPERATURE
FIGURE 1. — DROPOUT VOLTAGE vs. TEMPERATURE
Junction Temperature - (°C)
-10
-75
-50
-25
0
255075
100
125
-8
-6
-4
-2
0
V
IN = 15V
Duty Cycle = 50%
2
Junction Temperature - (°C)
8.0
-75
-50
-25
0
255075
100
125
8.4
8.8
9.2
9.6
10.0
SG1844
SG1845
Junction Temperature - (°C)
120
-75
-50
-25
0
255075
100
125
140
160
180
200
220
V
PIN3 = 1.1V
Junction Temperature - (°C)
0.2
-75
-50
-25
0
255075
100
125
0.3
0.4
0.5
0.6
0.7
SG1844
SG1845



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com