Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZL035P01 Datasheet(PDF) 4 Page - Rohm

Part # RZL035P01
Description  1.5V Drive Pch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZL035P01 Datasheet(HTML) 4 Page - Rohm

  RZL035P01 Datasheet HTML 1Page - Rohm RZL035P01 Datasheet HTML 2Page - Rohm RZL035P01 Datasheet HTML 3Page - Rohm RZL035P01 Datasheet HTML 4Page - Rohm RZL035P01 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
RZL035P01
Measurement circuits
Fig.1-1 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.1-2 Switching Waveforms
90%
90%
90%
10%
10%
10%
Pulse width
50%
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
50%
Fig.2-1 Gate Charge Measurement Circuit
VGS
IG (Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.2-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
Notice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
0
50
100
150
200
250
02
4
6
8
10
Ta=25°C
Pulsed
ID= -1.7A
ID= -3.5A
0.01
0.1
1
10
00.5
1
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0
1
2
3
4
5
0
5
10
15
20
Ta=25°C
VDD= -6V
ID= -3.5A
RG=10Ω
Pulsed
100
1000
10000
0.01
0.1
1
10
100
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
Ciss
1
10
100
1000
10000
0.01
0.1
1
10
tr
tf
td(on)
td(off)
Ta=25°C VDD= -6V
VGS=-4.5V RG=10Ω
Pulsed
Fig.10 Reverse Drain Current
   vs. Sourse-Drain Voltage
Fig.11 Static Drain-Source On-State
     Resistance vs. Gate Source Voltage
Fig.13 Dynamic Input Characteristics
Fig.14 Typical Capacitance
vs. Drain-Source Voltage
Fig.12 Switching Characteristics
SOURCE-DRAIN VOLTAGE : -VSD [V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
TOTAL GATE CHARGE : Qg [nC]
DRAIN-SOURCE VOLTAGE : -VDS[V]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com