Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF148A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # VRF148A
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF148A Datasheet(HTML) 3 Page - Microsemi Corporation

  VRF148A Datasheet HTML 1Page - Microsemi Corporation VRF148A Datasheet HTML 2Page - Microsemi Corporation VRF148A Datasheet HTML 3Page - Microsemi Corporation VRF148A Datasheet HTML 4Page - Microsemi Corporation VRF148A Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
−50
−45
−40
−35
−30
0
10
20
30
40
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
0
−50
−45
−40
−35
−30
0
10
20
30
40
VRF148A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10-5
10-4
10-3
10-2
10
1.0
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
Typical Performance Curves
P
out, OUTPUT POWER (WATTS PEP)
Figure 7. IMD versus P
OUT
P
out, INPUT POWER (WATTS PEP)
Figure 8. P
IN versus POUT
P
out, INPUT POWER (WATTS PEP)
Figure 9. P
IN versus POUT
Vdd=28V, Idq = 250mA,
Freq=175MHz
IM3
IM5
0
10
20
30
40
50
60
0
1
2
3
4
5
Vdd=28V, Idq = 250mA,
Freq=30MHz
Vdd=28V, Idq = 250mA,
Freq=175MHz
P
out, OUTPUT POWER (WATTS PEP)
Figure 6. IMD versus P
OUT
Vdd=28V, Idq = 250mA,
Freq=30MHz
IM3
IM5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com