Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF150 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # VRF150
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF150 Datasheet(HTML) 3 Page - Microsemi Corporation

  VRF150 Datasheet HTML 1Page - Microsemi Corporation VRF150 Datasheet HTML 2Page - Microsemi Corporation VRF150 Datasheet HTML 3Page - Microsemi Corporation VRF150 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
−50
−45
−40
−35
−30
−25
−20
0
50
100
150
200
250
VRF150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
10-5
10-4
10-3
10-2
10
1.0
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
D = 0.9
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
0
50
100
150
200
250
300
0
5
10
15
20
P
out, OUTPUT POWER (WATTS PEP)
Figure 6. IMD versus P
OUT
P
out, INPUT POWER (WATTS PEP)
Figure 7. P
OUT versus PIN
Typical Performance Curves
+ 50VD
+
C8
C4
C6
C7
L2
C3
R2
R1
C5
L1
C2
C1
Bias
0-12V
C9
C10
RF
Input
RF
Output
C1 -- 470 pF Dipped Mica
C2, C5, C6 - C9 -- 0.1uF SMT
C3 -- 200pF ATC 700C
C4 -- 15pF, ATC 700C
C10 -- 10uF, 100V Electrolytic
L1 - VK200-4B
L2 -- 2 Ferrite beads, 2.0 uH
R1, R2 -- 51 , 1 W Carbon
R3 -- 3.3 , 1 W Carbon
T1 -- 9:1 Transformer
T2 -- 1:9 Transformer
DUT
T2
R3
30 MHz test Circuit
Vdd=50V, Idq = 250mA,
Freq=150MHz
Vdd=50V, Idq = 250mA,
Freq=150MHz
IM3
IM5
Vdd=40V
Vdd=50V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com