Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF151G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # VRF151G
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF151G Datasheet(HTML) 3 Page - Microsemi Corporation

  VRF151G Datasheet HTML 1Page - Microsemi Corporation VRF151G Datasheet HTML 2Page - Microsemi Corporation VRF151G Datasheet HTML 3Page - Microsemi Corporation VRF151G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
10-5
10-4
10-3
10-2
10
1.0
-1
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
D = 0.9
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
0
50
100
150
200
250
300
350
400
0
2
4
6
8
10
INPUT POWER (WATTS PEP)
Figure 6. P
OUT versus PIN
Typical Performance Curves
Vdd=50V, Idq = 250mA,
Freq=150MHz
150MHz
VRF151G
175MHz
200MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com