Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # VRF2933
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF2933 Datasheet(HTML) 3 Page - Microsemi Corporation

  VRF2933 Datasheet HTML 1Page - Microsemi Corporation VRF2933 Datasheet HTML 2Page - Microsemi Corporation VRF2933 Datasheet HTML 3Page - Microsemi Corporation VRF2933 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.05
0.10
0.15
0.20
0.25
0.30
10-5
10-4
10-3
10-2
10
1.0
-1
VRF2933
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
P
out, INPUT POWER (WATTS PEP)
Figure 6. P
OUT versus PIN
P
out, INPUT POWER (WATTS PEP)
Figure 7. P
OUT versus PIN
50V
40V
Freq=30MHz
Freq=65MHz
FIGURE 5b, TRANSIENT THERMAL IMPEDANCE MODEL
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
.079
.076
.115
.009
.080
.224
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Z
IN - Gate shunted with 25Ω
I
dq = 250mA
Z
OL - Conjugate of optimum load for 300 Watts output at Vdd=150V
Freq. (MHz)
Z
in
Z
out
2
23.6 - j 5.5
4.0 - j 0.1
13.5
7.6 - j 10.1
3.9 - j 0.6
27.1
3.5 - j 6.0
3.7 - j 1.1
40.7
2.5 - j 4.0
3.3 - j 1.5
65
1.95 - j 2.07
2.6 - j 1.9
100
1.8 - j 0.66
1.76 - j 0.2
150
1.78 + j 0.5
1.03 + j 1.7
0.3
D = 0.9
0.7
SINGLE PULSE
0.5
0.1
0.05
50V
40V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com