Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C5000 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # B40C5000
Description  5.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B40C5000 Datasheet(HTML) 3 Page - Won-Top Electronics

  B40C5000 Datasheet HTML 1Page - Won-Top Electronics B40C5000 Datasheet HTML 2Page - Won-Top Electronics B40C5000 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B40C5000/3300 – B500C5000/3300
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
230 x 230 x 56
200
500 x 255 x 275
2,000
23.0
Note: 1. Paper box, white or brown color.
BULK
WTE
BxxC5000/3300
WTE
= Manufacturer’s Logo
BxxC5000/3300
= Device Number
xx
= 40, 80, 125, 250, 380, 500
Polarity
= As Marked on Body
+
~ ~ -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com