Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD7931F Datasheet(PDF) 7 Page - Rohm

Part # BD7931F
Description  Reversible Motor Drivers for Output 0.5A 1 Motor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7931F Datasheet(HTML) 7 Page - Rohm

  BD7931F Datasheet HTML 1Page - Rohm BD7931F Datasheet HTML 2Page - Rohm BD7931F Datasheet HTML 3Page - Rohm BD7931F Datasheet HTML 4Page - Rohm BD7931F Datasheet HTML 5Page - Rohm BD7931F Datasheet HTML 6Page - Rohm BD7931F Datasheet HTML 7Page - Rohm BD7931F Datasheet HTML 8Page - Rohm BD7931F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BH6578FVM,BD7931F
Technical Note
7/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
(12) IC terminal input
The present IC is a monolithic IC and has P
+ isolation and a P substrate between elements to separate elements.
With this P layer and N layer of each element, PN junction is formed, and various parasitic elements are formed.
For example, when resistors and transistors are connected to terminals as is the case of Fig.20, where in the case of
resistor, the potential difference satisfies the relation of ground (GND)>(terminal A), and in the case of transistor (NPN),
the potential difference satisfies the relation of ground (GND)>(terminal B), PN junction works as a diode.
Furthermore, in the case of transistor (NPN), a parasitic NPN transistor operates by the N-layer of other elements
adjacent to the parasitic diode.
The parasitic element is inevitably formed because of the IC construction.
The operation of the parasitic element gives rise to mutual interference between circuits and results in malfunction, and
eventually, breakdown. Consequently, take utmost care not to use the IC to operate the parasitic element such as
applying voltage lower than GND (P substrate) to the input terminal.
In addition, when the power supply voltage is not applied to IC, do not apply voltage to the input terminal, either.
Similarly, when the power supply voltage is applied, each input terminals shall be the voltage below the power supply
voltage or within the guaranteed values of electrical properties.
(13) GND wiring pattern
If there are a small signal GND and a high current GND, it is recommended to separate the patterns for the high current
GND and the small signal GND and provide a proper grounding to the reference point of the set not to affect the voltage
at the small signal GND with the change in voltage due to resistance component of pattern wiring and high current. Also for
GND wiring pattern of the component externally connected, pay special attention not to cause undesirable change to it.
Resistor
Transistor(NPN)
N
N
N
P
+
P
+
P
P-sub
GND
Terminal A
N
N
P
+
P
+
P
GND
C
B
E
N
GND
E
B
C
GND
Parasitic element
Fig.20 Example of the basic structure of a bipolar IC
Terminal A
Terminal B
Terminal B
Parasitic element
Parasitic element
Parasitic
element
P-sub



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com