Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7602FS Datasheet(PDF) 9 Page - Rohm

Part # BH7602FS
Description  Wide Band 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7602FS Datasheet(HTML) 9 Page - Rohm

Back Button BH7602FS Datasheet HTML 5Page - Rohm BH7602FS Datasheet HTML 6Page - Rohm BH7602FS Datasheet HTML 7Page - Rohm BH7602FS Datasheet HTML 8Page - Rohm BH7602FS Datasheet HTML 9Page - Rohm BH7602FS Datasheet HTML 10Page - Rohm BH7602FS Datasheet HTML 11Page - Rohm BH7602FS Datasheet HTML 12Page - Rohm BH7602FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BH7600AFS, BH7601FS, BH7602FS
Technical Note
9/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Terminal Description・Input/Output Equivalent Circuit
BH7602FS
Pin.No
Pin Name
IN
OUT
Standard
Voltage
Input/Output Equivalent Circuit
Terminal Description
10
SDA
○
○
―
I
2C-BUS Data
Input/ Output Terminal
This terminal is possible to
operate max 400kHz.
When VCC off, this terminal
become high impedance.
8
ADR
○
―
0V
Slave Address
Change Terminal
LOW: D8H
High: DAH
2
TEST
○
―
0V
LOGIC Test Mode
Change Terminal
Usually
not
use.
This
terminal is 0V input (=GND ).
18
P_VCC
―
―
5.0V
VCC terminal for driver
output.
19
P_GND
―
―
0V
GND terminal for driver
output.
4
S_VCC
―
―
5.0V
VCC terminal for the analog
part except driver and digital
part.
6
S_GND
―
―
0V
GND terminal for the analog
part except driver and digital
part.
※
The values in the terminal descriptions and input/output equivalent circuit are for reference only - they are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com