Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD33684A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33684A
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS??Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33684A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  FPD33684A Datasheet HTML 1Page - National Semiconductor (TI) FPD33684A Datasheet HTML 2Page - National Semiconductor (TI) FPD33684A Datasheet HTML 3Page - National Semiconductor (TI) FPD33684A Datasheet HTML 4Page - National Semiconductor (TI) FPD33684A Datasheet HTML 5Page - National Semiconductor (TI) FPD33684A Datasheet HTML 6Page - National Semiconductor (TI) FPD33684A Datasheet HTML 7Page - National Semiconductor (TI) FPD33684A Datasheet HTML 8Page - National Semiconductor (TI) FPD33684A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RSDS Characteristics (Continued)
Analog Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DD2
Supply Current Consumption
(Note 7)
3.0
8.0
mA
I
HBIAS
Current Consumption through
HBIAS pin
1.25
mA
PD
Power Dissipation
(Note 7)
45
mW
V
GMA1
Upper RDAC High Side Input
(Note 8)
V
DD2/2
+ 0.2
V
DD2 −
0.2
V
V
GMA5
Upper RDAC Low Side Input
(Note 8)
V
DD2/2
+ 0.2
V
DD2 −
0.2
V
V
GMA6
Lower RDAC High Side Input
(Note 8)
0.2
V
DD2/2
− 0.2
V
V
GMA10
Lower RDAC Low Side Input
(Note 8)
0.2
V
DD2/2
− 0.2
V
V
CS
Charge Share Voltage
The
Greater
of V
DD1
or
V
GMA6
V
GMA5
V
C
LOAD
Output Capacitive Load
30
150
pF
V
OUT
Output Voltage Range
V
SS2 +
0.2
V
DD2 −
0.2
V
R
DAC
RDAC References (V
GMA1 to
V
GMA5 and VGMA6 to VGMA10)
each
12.0
15.0
18.0
k
Ω
V
pperr
Output Peak to Peak Error (gray
levels 0 through 58)
V
GMA1 =VDD2 − 0.2V
V
GMA10 =VSS2 + 0.2V
(Note 9)
±3
±12
mV
Output Peak to Peak Error (gray
levels 59 through 63)
±5
±25
mV
V
parterr
Output Part to Part Error
(Note 10)
±5mV
I
OUT RP
Repair Buffer Output Current
(Note 11)
±2
±3mA
Note 7: VDD2 = 10.5V, VHBIAS = 10.5V, VDD1 = 3.3V, DCLK = 65 MHz, RLOAD =5 kΩ,CLOAD = 50 pF, charge share time = 1.5 µs, all other swinging between
VGMA1 (= 8.0V) and VGMA10 (= 0.5V) with a line time = 22 µs.
Note 8: The following relationship must be maintained between the reference voltages: VDD2 >VGMA1 >VGMA2 >VGMA3 >VGMA4 >VGMA5 >VGMA6 >VGMA7
>V
GMA8 >VGMA9 >VGMA10 >VSS2
Note 9: Vpperr is defined as the error in peak-to-peak output voltage for each gray level when the output swings from the gray level high value (VHxx) to the gray
level low value (VLxx). This parameter applies to every output on the die. The typical value represents one standard deviation from ideal based on final test data.
Note 10: Vparterr is meant to guarantee the part to part output variation. The average of all outputs at gray level 32 is compared to a nominal gray level 32 value.
Note 11: Current into device pins is defined as positive. Current out of device pins is defined as negative. |VOUT −VIN| > 500mV.
DS200113-2
FIGURE 1. RSDS™ Signal Definition
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com