Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 1 Page - Rohm

Part # BU2152FS
Description  Serial / Parallel 4-input Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 1 Page - Rohm

  BU2152FS Datasheet HTML 1Page - Rohm BU2152FS Datasheet HTML 2Page - Rohm BU2152FS Datasheet HTML 3Page - Rohm BU2152FS Datasheet HTML 4Page - Rohm BU2152FS Datasheet HTML 5Page - Rohm BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Serial-in / Parallel-out Driver Series
Serial / Parallel
4-input Drivers
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
●
Description
Serial-in-parallel-out driver incorporates a built-in shift register and a latch circuit to control a maximum of 24 LED by a 4-line
interface, linked to a microcontroller.
A single external resistor can set the output current value of the constant current up to a maximum of 50mA. (BD7851FP only)
CMOS open drain output type products can drive the maximum current of 25mA.
●
Features
1) LED can be driven directly.
2) Parallel output of a maximum of 24 bit
3) Operational on low voltage (2.7V to 5.5V)
4) Cascade connection is possible (BU2050F and BU2092F,BU2092FV are not acceptable)
●
Application
For AV equipment such as, audio stereo sets, videos and TV sets, PCs, control microcontroller mounted equipment.
●
Product line-up
Parameter
BU2050F
BU2092F
BU2092FV
BU2099FV
BD7851FP
BU2152FS
Unit
Output current
25
25
25
25
50
25
mA
Output line
8
12
12
12
16
24
line
Output type
CMOS
Open drain
Constant
current
CMOS
-
Package
SOP14
SOP18
SSOP-B20
SSOP-B20
HSOP25
SSOP-A32
-
No.09051EAT03


Similar Part No. - BU2152FS

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
BU2152FS LSI-BU2152FS Datasheet
150Kb / 2P
24bit serial/parallel converter IC
logo
Rohm
BU2152FS ROHM-BU2152FS Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS ROHM-BU2152FS Datasheet
451Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS ROHM-BU2152FS Datasheet
1Mb / 16P
4-input Serial-in / Parallel-out Drivers
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
More results

Similar Description - BU2152FS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
4/8-Bit Parallel-Input Latched Drivers
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
Serial / Parallel 2-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
2-input Serial- in / Parallel- out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
4-input Serial-in / Parallel-out Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
4-input Serial-in / Parallel-out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com