Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20WS-T1 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BAS20WS-T1
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAS20WS-T1 Datasheet(HTML) 1 Page - Won-Top Electronics

  BAS20WS-T1 Datasheet HTML 1Page - Won-Top Electronics BAS20WS-T1 Datasheet HTML 2Page - Won-Top Electronics BAS20WS-T1 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS19WS – BAS21WS
1 of 3
© 2002 Won-Top Electronics
BAS19WS – BAS21WS
SURFACE MOUNT FAST SWITCHING DIODE
Features
!
High Conductance
!
Fast Switching Speed
A
!
Surface Mount Package Ideally Suited for
Automatic Insertion
!
For General Purpose Switching Application
C
!
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
                 
E
Mechanical Data
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Marking: BAS19WS
A8
H
BAS20WS
A80
BAS21WS
A82
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
BAS19WS
BAS20WS
BAS21WS
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
70
105
140
V
Forward Continuous Current (Note 1)
IF
400
mA
Average Rectified Output Current (Note 1)
IO
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.5
0.5
A
Power Dissipation
Pd
200
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
625
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
BAS19WS
BAS20WS
BAS21WS
Unit
Forward Voltage Drop
@ IF = 100mA
VFM
1.0
V
Peak Reverse Leakage Current @ Rated DC Blocking Voltage
IRM
100
nA
Typical Junction Capacitance (VR = 0V DC, f = 1.0MHz)
Cj
5.0
pF
Reverse Recovery Time (Note 2)
trr
50
nS
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Measured with IF = IR = 30mA, IRR = 0.1 x IR, RL = 100
.
WTE
POWER SEMICONDUCTORS
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
—
All Dimensions in mm
G


Similar Part No. - BAS20WS-T1

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BAS20WS DGNJDZ-BAS20WS Datasheet
502Kb / 1P
Fast Switching Speed
More results

Similar Description - BAS20WS-T1

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com