Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU9253FS Datasheet(PDF) 9 Page - Rohm

Part # BU9253FS
Description  Karaoke/Surround Digital Echo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9253FS Datasheet(HTML) 9 Page - Rohm

Back Button BU9253FS Datasheet HTML 5Page - Rohm BU9253FS Datasheet HTML 6Page - Rohm BU9253FS Datasheet HTML 7Page - Rohm BU9253FS Datasheet HTML 8Page - Rohm BU9253FS Datasheet HTML 9Page - Rohm BU9253FS Datasheet HTML 10Page - Rohm BU9253FS Datasheet HTML 11Page - Rohm BU9253FS Datasheet HTML 12Page - Rohm BU9253FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
●Description of operations
<
BU9253AS/FS>
・
OSC(Oscillator)
Clock is generated by connecting external RC circuit. Clock is used for the delay counter.
・
Mute control circuit (MUTE)
By input voltage of the mute terminal, 3 statuses, that is, mute, mute release (operating), and clock stop & mute can be
selected.
・
COUNTER
This counter is for generating delay time. It can generate delay time about 131ms at oscillation frequency
Fclk = 375kHz.
・
SRAM
SRAM with 8Kbit capacity for generating the delay.
・
A/D side LPF operation amplifier
LPF can be structured by external RC, and band limit of signal to be input to A/D is available.
・
A/D
This digitalizes output signal of AD side LPF, and outputs it to SRAM.
・
D/A side LPF operation amplifier
LPF can be structured by external RC, and band limit of signal to be output to D/A is available.
・
D/A
This converts delayed audio digital data input from SRAM into analog signal.
・
Mixing amplifier (MIX)
This circuit is used for mixing delayed signals and (original sound) signals input from MIX IN.
<
BU9262AFS>
・
Serial control circuit
This serial I/F circuit is for setting each register. It can be controlled by serial 16bit data. It reads in SI at the rise of SCK,
and latches data at the rise of SLT.
No.
Mode
Remarks
D0
D1
D2
Delay time
Delay time setting
"Refer to the separate table."
D3
D4
INPUT select
“
ISEL”
( D3、D4 ) = ( L、L ):L+R
( L、L ):L-R
( L、H ):MIC
( H、H ):CLK OFF
D5
D6
OUTPUT select
“
OSEL”
( D5、D6 ) = ( L、L ):FWD (L, R in phase)
( L、L ):REV (R in opposite phase)
( L、H ):MIC MIX
( H、H ):NORMAL
D7
Delay out “DOSW”
H : output ON
L : output OFF
D8
D9
D10
Delay volume
“
DLYVOL”
Delay signal / volume setting
"Refer to the separate table."
D11
D12
D13
Feedback volume
“
FBVOL”
Feedback / volume setting
"Refer to the separate table."
D14
Latch control
(D5, D6) = (L, H) : latch
Others are not latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com