Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05SSL20 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 05SSL20
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

05SSL20 Datasheet(HTML) 1 Page - Rectron Semiconductor

  05SSL20 Datasheet HTML 1Page - Rectron Semiconductor 05SSL20 Datasheet HTML 2Page - Rectron Semiconductor 05SSL20 Datasheet HTML 3Page - Rectron Semiconductor 05SSL20 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
05SSL20
THRU
05SSL40
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
.150 (3.8)
.142 (3.6)
.035 (0.90)
.028 (0.70)
.053 (1.35)
.047 (1.20)
.077 (1.95)
.069 (1.75)
.030 (0.75)
.022 (0.55)
.008 (0.20)
.114 (2.9)
.106 (2.7)
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage
* High current capability
* High speed switching
* High surge capabitity
* High reliability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.016 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375” (9.5mm) lead length at TA=1000C
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 3)
ypical Junction Capacitance (Note1)
SYMBOL
VRRM
VDC
IFSM
C
RqJA
RqJL
J
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.5
60
110
110
30
Amps
0
C
0
C/W
Storage Temperature Range
IO
150
pF
Operating Temperature Range
TJ
05SSL20
05SSL30
05SSL40
05SSL20
05SSL30
05SSL40
20
30
40
14
21
28
20
40
40
-55 to + 150
0
C
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2006-11
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 0.5A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
0.30
mAmps
UNITS
2.
3. Thermal resistance: Mounted on PCB.
“Fully ROHS compliant”, “100% Sn plating (Pb-free)”.


Similar Part No. - 05SSL20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
05SSL20L RECTRON-05SSL20L Datasheet
456Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
More results

Similar Description - 05SSL20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
List of Unclassifed Man...
SSM5817SLPT ETC2-SSM5817SLPT Datasheet
93Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 0.5 Ampere
logo
Rectron Semiconductor
02SSL20L RECTRON-02SSL20L Datasheet
455Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
05N17 RECTRON-05N17 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
05S2L RECTRON-05S2L Datasheet
363Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 0.5 Ampere
05SSL20L RECTRON-05SSL20L Datasheet
456Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
FML0520 RECTRON-FML0520 Datasheet
397Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
FML0520L RECTRON-FML0520L Datasheet
397Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
SM5817 RECTRON-SM5817_07 Datasheet
243Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com