Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS355 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1SS355
Description  FAST SWITCHING DIODE VOLTAGE 80 Volts CURRENT 150 mAmperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1SS355 Datasheet(HTML) 2 Page - Rectron Semiconductor

  1SS355 Datasheet HTML 1Page - Rectron Semiconductor 1SS355 Datasheet HTML 2Page - Rectron Semiconductor 1SS355 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FORWARD VOLTAGE, (mV)
1.0
1
10
100
1.2
1.0
0.8
0.6
0.4
0.2
TA=125
OC
TA=75
OC
f= 1MHz
TA=25
OC
TA= -25
OC
TA=125
OC
TA=75
OC
TA=25
OC
Rth (j-a)
D= 1/2
DC
Sin(
θ=180)
Rth (j-c)
TA=-25
OC
IM=1mA
IF=10mA
0
FIG.1 VF-IF CHARACTERISTICS
20
15
10
5
0
100
10
1
FIG.5 IFSM-t CHARACTERISTICS
time
300uS
1mS
Mounted on epoxy board
REVERSE VOLTAGE, (V)
0.0001
0.001
0.01
0.1
1
10
120
100
80
60
40
20
0
FIG.2 VR-IR CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
1
10
30
20
10
0
FIG.3 VR-Ct CHARACTERISTICS
NUMBER OF CYCLES
TIME, (nS)
100
10
1
0.1
100
10
1
0.1
1000
10
100
1
FIG.6 Rth-t CHARACTERISTICS
TIME, (S)
100
1000
10
0.1
1
0.001
0.01
0.001
0.0005
0
FIG.7 VR-PR CHARACTERISTICS
REVERSE VOLTAGE, (V)
100
120
80
40
60
020
FIG.4 IFSM-CYCLE CHARACTERISTICS
8.3mS Single Half Sine-Wave
(JEDEC Method)
8.3mS Single Half Sine-Wave
(JEDEC Method)
D= 1/2
D= 1/2
DC
DC
Sin(
θ=180)
Sin(
θ=180)
0.20
0.15
0.10
0.05
0
FIG.8 IO-TA CHARACTERISTICS
AMBIENT TEMPERATURE, (OC)
100
125
50
75
025
0.20
0.15
0.10
0.05
0
FIG.9 IO-TC CHARACTERISTICS
CASE TEMPERATURE, (OC)
100
125
50
75
025
T
D= t/T
VR= 40V
Tj= 125
OC
D= t/T
VR= 40V
Tj= 125
OC
t
T
t
IO
0A
VR
0V
IO
0A
VR
0V
RATING AND CHARACTERISTICS CURVES ( 1SS355 )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com