Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS357 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1SS357
Description  SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1SS357 Datasheet(HTML) 1 Page - Rectron Semiconductor

  1SS357 Datasheet HTML 1Page - Rectron Semiconductor 1SS357 Datasheet HTML 2Page - Rectron Semiconductor 1SS357 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY DIODE
FEATURES
* Small Package
* Low VF ,low IR
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1SS357
SOD-323
MAXIMUM RATINGS (@TA=25OC unless otherwise noted)
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Reverse Voltage
Non-Repetitive Peak Forward Surge Current
Operating and Storage Temperature Range
SYMBOL
1SS357
VRM
IFSM
TJ,TSTG
VR
Volts
O
C
Amps
Amps
-55~+125
Maximum Average Forward Rectified Current
IO
UNITS
45
Volts
40
0.1
1
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Reverse voltage leakage current (VR=40V)
Forward voltage Pulse Tesx tp<300us,d<2% (IF=10mA)
(IF=1mA)
(IF=100mA)
Capacitance between terminals (VR=0,f=1MHz)
CHARACTERISTICS
SYMBOL
UNITS
5.0
-
-
0.6
0.28
0.36
-
25
uA
V
pF
IR
VF
CT
MAX.
-
-
TYP.
-
-
-
MIN.


Similar Part No. - 1SS357

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357 Datasheet
100Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
logo
TRANSYS Electronics Lim...
1SS357 TEL-1SS357 Datasheet
82Kb / 1P
SCHOTTKY DIODES
logo
Weitron Technology
1SS357 WEITRON-1SS357 Datasheet
591Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357 Datasheet
148Kb / 2P
Surface mounting schottky Diode
Rev.A
More results

Similar Description - 1SS357

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com