Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SS20L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2SS20L
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 20 Volts CURRENT 2.0 Amperes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SS20L Datasheet(HTML) 1 Page - Rectron Semiconductor

  2SS20L Datasheet HTML 1Page - Rectron Semiconductor 2SS20L Datasheet HTML 2Page - Rectron Semiconductor 2SS20L Datasheet HTML 3Page - Rectron Semiconductor 2SS20L Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE 20 Volts CURRENT 2.0 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2SS20L
SOD-123FL
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
* Low power loss, high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High surge capabitity
* High reliability
* Guard ring construction on dic
* Anti-ESD
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.01 gram (Approx.)
* Flat lead frame
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current @ TT=120
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
25
Amps
0
C
Storage Temperature Range
IO
Operating Temperature Range
TJ
2SS20L
20
14
20
2SS20L
-55 to + 150
-55 to + 125
0
C
Total Capacitance (Note 3)
CT
75
pF
Typical Thermal Resistance Junction to Ambient (Note 1)
Typical Thermal Resistance Junction to Soldering (Note 2)
Rq JA
R q JS
58
0
C/W
9
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
1.0A DC
Volts
0.4
1.0
@TA = 25oC
@TA = 100 oC
0.36
0.42
mAmps
UNITS
NOTES : 1. Part mounted on 5.08mmX5.08mm FR4 board with 25.4mmX25.4mm copper pad, 25% anode, 75% cathode.
2. RqJS calculated from the top center of the die stright down to the solder junction of the cathode tab.
3. Measure at 1MHz and applied reverse voltage of 4 Volts.
4. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
5. Available for IR reflow & wave soldering.
2005-9
REV:O
.150 (3.8)
.142 (3.6)
.052 (1.32)
.050 (1.28)
.033 (0.85)
.030 (0.75)
.044 (1.12)
.043 (1.08)
.033 (0.85)
.030 (0.75)
.035 (0.90)
.028 (0.70)
.039 (1.00)
.035 (0.90)
.077 (1.95)
.069 (1.75)
.008 (0.20)
.114 (2.9)
.106 (2.7)


Similar Part No. - 2SS20L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L Datasheet
716Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
2SS20LV RECTRON-2SS20LV Datasheet
716Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 2SS20L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
SL22 PANJIT-SL22 Datasheet
53Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 2.0 Amperes)
SR22 PANJIT-SR22 Datasheet
58Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
SK22 SURGE-SK22 Datasheet
84Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Rectron Semiconductor
FM220 RECTRON-FM220 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
logo
List of Unclassifed Man...
SSM22LLPT ETC2-SSM22LLPT Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 Volts CURRENT 2.0 Amperes
SSM22LPT ETC2-SSM22LPT Datasheet
81Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
2SS20 RECTRON-2SS20 Datasheet
541Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com