Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40S Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAS40S
Description  SOT-23 SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS40S Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAS40S Datasheet HTML 1Page - Rectron Semiconductor BAS40S Datasheet HTML 2Page - Rectron Semiconductor BAS40S Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES ( BAS40S )
0
10
20
30
40
Figure3 Typical Capacitance
Figure4 Power Deraing Curve,Total Package
VR,REVERSE VOLTAGE(V)
TA,AMBIENT TEMPERATURE(
OC)
0
100
200
2
0
1
3
150
100
50
0
200
0
0.2
0.4
0.6
0.8
1.0
Figure1 Typical Forward Voltage
Figure2 Typical Reverse Capacitance
VF,INSTANTANEOUS FORWARD VOLTAGE(V)
VR,INSTANTANEOUS REVERSE VOLTAGE(V)
0
10
20
30
40
0.01
0.0001
0.001
1
0.1
100
10
0.1
1
10000
1000
f = 1MHz
TA=-40
OC
TA= 25
OC
TA= 75
OC
TA= 125
OC
TA= 125
OC
TA= 75
OC
TA= 25
OC
TA= 0
OC
TA= -40
OC
TA= 0
OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com