Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS40WS
Description  SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS40WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS40WS Datasheet HTML 1Page - Rectron Semiconductor BAS40WS Datasheet HTML 2Page - Rectron Semiconductor BAS40WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY DIODES
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
*
* Fast Switching Speed
Low turn-on voltage
*
* PN Junction Guard for Transient and ESD Protection
Designed for Surface Mount Application
* Plastic Material-UL Recognition Flammability
Classification 94V-O
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAS40WS
SOD-323
MAXIMUM RATINGS (@TA=25
OC unless otherwise noted)
RATINGS
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation
Operating and Storage Temperature Range
SYMBOL
BAS40WS
VRMR
VRWR
VR
IF
IFSM
PD
TJ,TSTG
Volts
mAmps
200
600
200
-55 to + 150
mAmps
mW
OC
UNITS
Thermal Resistance junction to ambient
R
θJA
625
K/W
40
@t<1.0S
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Reverse voltage leakage current
Reverse Breakdown Voltage
Forward voltage
(IF=10mA)
(IF=40mA)
(IF=1mA)
Capacitance between terminals
CHARACTERISTICS
SYMBOL
UNITS
200
-
-
-
-
1
0.38
0.5
5
5
nA
V
V
pF
IR
V(BR)R
VF
CT
MAX.
20
-
4
TYP.
-
40
-
-
MIN.
(VR=0V,f=1MHz)
(VR=30V)
(IR=10
µA)
2006-3
Reverse Recovery Time
ns
trr
-
-
(IF=IR=10mA,RL=
100
Ω,Irr=0.1xIR)


Similar Part No. - BAS40WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS40WS JIANGSU-BAS40WS Datasheet
243Kb / 3P
SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAS40WS KEXIN-BAS40WS Datasheet
38Kb / 1P
Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
BAS40WS SEMTECH_ELEC-BAS40WS Datasheet
313Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com