Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAS70WS
Description  SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS70WS Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAS70WS Datasheet HTML 1Page - Rectron Semiconductor BAS70WS Datasheet HTML 2Page - Rectron Semiconductor BAS70WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES ( BAS70WS )
Figure1 Forward current as a function of forward
voltage; typical values
Figure4 Diode capacitance as a function
of reverse voltage;typical values
VF, FORWARD VOLTAGE (mV)
Figure3 Differential forward resistance as a function
of forward current;typical values
Figure2 Reverse current as a function of reverse
voltage; typical values
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
IF, FORWARD CURRENT (mA)
10-2
10-2
10-3
102
102
102
103
102
10-1
10-1
10-1
1
0
0.2
0.4
0.6
0.8
1.0
10
10
1
0
80
20
40
60
10
1
1
10
0
60
80
20
40
0
0.5
1.0
1.5
2.0
Ta=25
OC
Ta=85
OC
Ta=125
OC
f = 10kHz
Ta=25
OC
f = 1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com