Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS85
Description  SCHOTTKY DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS85 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS85 Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BAS85
MAXIMUM RATINGES ( @ TA = 25
oC unless otherwise noted )
SCHOTTKY DIODES
FEATURES
* Fast Switching Device(TRR<4.0nS)
* Mini MELF Glass Case (SOD-80)
*
*
*
*
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads
are readily solderable
Dimensions in inches and (millimeters)
RATINGS
Maximum Forward Comtinuous Current @ TA=25
OC
Maximum Forward Comtinuous Reverse Voltage
Surge Forward Current @ tp<1s,TA=25
OC
Maximum Power Dissipation @ TA=65
OC
Storage Temperature Range
Junction Temperature
SYMBOL
BAS85
mAmps
V
200
30
Maximum Peak Forward Current @ TA=25
OC
mAmps
300
600
200
125
-65 to + 150
mAmps
mW
OC
OC
UNITS
IF
VR
IFM
IFSM
PD
TSTG
SOD-80
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Reverse voltage leakage current (VR=25V)
Forward voltage Pulse Tesx tp<300
µs,δ<2% (IF=10mA)
(IF=1mA)
(IF=0.1mA)
(IF=30mA)
(IF=100mA)
Diode capacitance (VR=1,f=1MHz)
Reveres recovery time (IF=IR=10mA,IR=1mA)
CHARACTERISTICS
SYMBOL
UNITS
-
2
0.24
0.4
0.32
-
0.8
-
-
-
0.5
-
10
5
µA
V
V
pF
nS
Reverse breakdown voltage (IR=10µA)
V(BR)R
IR
VF
CD
trr
MAX.
-
-
-
-
TYP.
30
-
-
-
-
MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
.016(0.40)
.008(0.20)
.142(3.6)
.134(3.4)
TJ


Similar Part No. - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results

Similar Description - BAS85

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com