Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED802CS Datasheet(PDF) 1 Page - Won-Top Electronics

Part # ED802CS
Description  8.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ED802CS Datasheet(HTML) 1 Page - Won-Top Electronics

  ED802CS Datasheet HTML 1Page - Won-Top Electronics ED802CS Datasheet HTML 2Page - Won-Top Electronics ED802CS Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ED802CS – ED806CS
1 of 3
© 2002 Won-Top Electronics
ED802CS – ED806CS
8.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
Features
!
Glass Passivated Die Construction
A
C
!
Ideally Suited for Automatic Assembly
B
J
!
Low Profile Package
D
!
High Surge Current Capability
!
Low Power Loss, High Efficiency
!
Super-Fast Recovery Time
E
!
Plastic Case Material has UL Flammability
K
Classification Rating 94V-O
G
H
                          L
P
P
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-750, Method 2026
!
Polarity: Cathode Band
PIN 1 -
+
!
Weight: 0.4 grams (approx.)
PIN 3 -
Case PIN 2
!
Mounting Position: Any
Potive CT
!
Marking: Type Number
!
Standard Packaging: 16mm Tape (EIA-481)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
ED802CS
ED803CS
ED804CS
ED806CS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
140
210
280
420
V
Average Rectified Output Current
@TL = 85°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
85
A
Forward Voltage (Note 1)
@IF = 8.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
250
µA
Typical Thermal Resistance Junction to Ambient
RJA
56
K/W
Reverse Recovery Time (Note 2)
trr
35
50
nS
Operating and Storage Temperature Range
Tj, TSTG
-50 to +150
°C
Note: 1. Mounted on P.C. Board with 14mm2 (0.13mm thick) copper pad.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
WTE
POWER SEMICONDUCTORS
D PAK/TO-252AA
Dim
Min
Max
A
6.4
6.8
B
5.0
5.4
C
2.35
2.75
D
—1.60
E
5.3
5.7
G
2.3
2.7
H
0.4
0.8
J
0.4
0.6
K
0.3
0.7
L
0.50 Typical
P
—2.3
All Dimensions in mm
PIN 1
2
3


Similar Part No. - ED802CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED802CS PANJIT-ED802CS Datasheet
34Kb / 2P
DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes)
ED802CS PANJIT-ED802CS Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CS PANJIT-ED802CS_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ED802CS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ED1002CS WTE-ED1002CS Datasheet
49Kb / 3P
10A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED302S WTE-ED302S Datasheet
53Kb / 3P
3.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED302YS WTE-ED302YS Datasheet
53Kb / 3P
3.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED502S WTE-ED502S Datasheet
49Kb / 3P
5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED502YS WTE-ED502YS Datasheet
49Kb / 3P
5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED602CS WTE-ED602CS Datasheet
49Kb / 3P
6.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ER800D WTE-ER800D Datasheet
53Kb / 3P
8.0A D2PAK SURFACE MOUNT SUPER FAST RECTIFIEIR
SD820S WTE-SD820S Datasheet
43Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
ED502S PFS-ED502S Datasheet
148Kb / 2P
DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com